Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT8644S
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
different voltage levels. During FCM, Spread Spectrum,
and Synchronization modes, all devices will operate at
the same frequency. Figure 6 shows a 2-phase applica-
tion where two LT8644Ss are paralleled to get one output
capable of up to 32A.
LT8644S’s internal circuitry will pull its quiescent current
through its SW pin. This is acceptable if the system can
tolerate current draw in this state. If the EN pin is grounded
the SW pin current will drop to near 6µA. However, if the
VIN pin is grounded while the output is held high, regard-
less of EN, parasitic body diodes inside the LT8644S
can pull current from the output through the SW pin and
the VIN pin. Figure 7 shows a connection of the VIN and
EN/UV pins that will allow the LT8644S to run only when
the input voltage is present and that protects against a
shorted or reversed input.
Figure 6. Paralleling Two LT8644Ss
SS
SS
LT8644S
8644S F06
SW
CLKOUT
PHMODE
VC
FB
LT8644S
FB
VC
SYNC/MODE
SW
VOUT
32A
Figure 7. Reverse VIN Protection
VIN
VIN
D1
LT8644S
EN/UV
8644S F07
GND
Shorted and Reversed Input Protection
The LT8644S will tolerate a shorted output. Several fea-
tures are used for protection during output short-circuit
and brownout conditions. The first is the switching
frequency will be folded back while the output is lower
than the set point to maintain inductor current control.
Second, the bottom switch current is monitored such that
if inductor current is beyond safe levels switching of the
top switch will be delayed until such time as the inductor
current falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, floated or tied high, the LT8644S will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where the
output will be held high when the input to the LT8644S is
absent. This may occur in battery charging applications or
in battery-backup systems where a battery or some other
supply is diode ORed with the LT8644S’s output. If the VIN
pin is allowed to float and the EN pin is held high (either
by a logic signal or because it is tied to VIN), then the
Thermal Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8644S. The ground pins on the bottom of the package
should be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8644S.
Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LT8644S
can be estimated by calculating the total power loss from
an efficiency measurement and subtracting the induc-
tor loss. The die temperature is calculated by multiplying
the LT8644S power dissipation by the thermal resistance
from junction to ambient.
The internal overtemperature protection monitors the
junction temperature of the LT8644S. If the junction
temperature reaches approximately 165°C, the LT8644S
will stop switching and indicate a fault condition until the
temperature drops about 5°C cooler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com