Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LT8644S
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Temperature rise of the LT8644S is worst when operating
at high load, high PVIN, and high switching frequency. If
the case temperature is too high for a given application,
then either PVIN, switching frequency, or load current can
be decreased to reduce the temperature to an acceptable
level. Figure 8 shows examples of how case temperature
rise can be managed by reducing switching frequency
or load.
The LT8644S’s top switch current limit decreases with
higher duty cycle operation for slope compensation. This
also limits the output current the LT8644S can deliver
for a given application. See curve in Typical Performance
Characteristics.
Figure 8. Case Temperature Rise
Figure 9. 2MHz 1.2V, 16A Step-Down Converter with Soft-Start and Power Good
TYPICAL APPLICATIONS
PINS NOT USED IN
THIS CIRCUIT:
BST, INTVCC,
PHMODE
LT8644S
SW
FB
VIN
2.7V TO 8V
GND
RT
PVIN
SVIN
EN/UV
VOUT
1.2V
16A
220µF ×2
1206
X5R/X7R
22µF
100k
100k
fSW = 2MHz
L: XEL5030
SS
VC
10nF
PG
SYNC/MODE
CLKOUT
100k
8644S F09
33pF
16.9k
0.13µH
13.3k
390pF
DEMO BOARD ON STILL AIR
VIN = 5V
VOUT = 1.2V
Burst Mode OPERATION
1MHz
2MHz
3MHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
8644S F08
Figure 10. 2MHz 1V, 16A Step-Down Converter with Spread Spectrum
47pF
PINS NOT USED IN
THIS CIRCUIT:
BST, CLKOUT, PG, SS,
PHMODE
LT8644S
SW
FB
GND
RT
VC
VOUT
1V
16A
220µF ×2
1206
X5R/X7R
22µF
16.9k
100k
150k
0.13µH
fSW = 2MHz
L: XEL5030
SYNC/MODE
INTVCC
VIN
2.7V TO 8V
PVIN
SVIN
EN/UV
8644S F10
12.1k
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com