Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT8644S
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
SVIN Pin Current vs PVIN
SVIN Pin Current vs Frequency
CLKOUT Waveforms
Switching Waveforms, Full
Frequency Continuous Operation
Switching Waveforms,
Burst Mode Operation
Case Temperature Rise
SVIN = 5V
VOUT = 1.2V
fSW = 2MHz
FC MODE
PVIN VOLTAGE (V)
1
2
3
4
5
6
7
8
17.0
17.5
18.0
18.5
19.0
19.5
20.0
SVIN Pin Current vs PVIN
8644S G26
SVIN = 5V
VOUT = 1.2V
PVIN = 5V
FC MODE
SWITCHING FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
SVIN Pin Current vs Frequency
8644S G27
DEMO BOARD ON STILL AIR
VIN = 5V
VOUT = 1.2V
Burst Mode OPERATION
1MHz
2MHz
3MHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
8644S G28
fSW = 500kHz
SYNCHRONIZATION MODE
500ns/DIV
VSW
5V/DIV
VSYNC
2V/DIV
VCLKOUT
2V/DIV
8644S G30
FRONT PAGE APPLICATION
5VIN TO 1.2VOUT AT 3A
FC MODE
500ns/DIV
VSW
2V/DIV
IL
1A/DIV
8644S G31
FRONT PAGE APPLICATION
5VIN TO 1.2VOUT AT 100mA
Burst Mode OPERATION
5µs/DIV
VSW
2V/DIV
IL
1A/DIV
8644S G32
TA = 25°C, unless otherwise noted.
Transient Response; Load Current
Stepped from 4A to 12A
Transient Response; Load Current
Stepped from 100mA to 8.1A
Stepped from 4A to 12A
FRONT PAGE APPLICATION
4A TO 12A TRANSIENT
VIN = 5V, VOUT = 1.2V, fSW = 2MHz
CC = 390pF, RC = 13.3k
COUT = 2 x 220µF, CLEAD = 33pF
20µs/DIV
ILOAD
50mA/DIV
VOUT
50mV/DIV
8644S G33
FRONT PAGE APPLICATION
100mA TO 8.1A TRANSIENT
VIN = 5V, VOUT = 1.2V, fSW = 2MHz
CC = 390pF, RC = 13.3k
COUT = 2 x 220µF, CLEAD = 33pF
Burst Mode OPERATION
FCM
50µs/DIV
ILOAD
50mA/DIV
VOUT
50mV/DIV
8644S G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com