Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT8644S
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8644S due to their piezoelectric
nature. When in Burst Mode operation, the LT8644S’s
switching frequency depends on the load current, and
at very light loads the LT8644S can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8644S operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output. Low noise
ceramic capacitors are also available.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8644S. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high qual-
ity (underdamped) tank circuit. If the LT8644S circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8644S’s
rating. This situation is easily avoided (see ADI Application
Note 88).
Enable Pin
The LT8644S is in shutdown when the EN pin is low and
active when the pin is high. The rising threshold of the EN
comparator is 0.98V, with 40mV of hysteresis. The EN pin
can be tied to VIN if the shutdown feature is not used, or
tied to a logic level if shutdown control is required.
Adding a resistor divider from VIN to EN programs the
LT8644S to regulate the output only when VIN is above
a desired voltage (see the Block Diagram). Typically, this
threshold, VIN(EN), is used in situations where the input
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit or
latch low under low source voltage conditions. The VIN(EN)
threshold prevents the regulator from operating at source
voltages where the problems might occur. This threshold
can be adjusted by setting the values R3 and R4 such that
they satisfy Equation 10.
VIN(EN) =
R3
R4
+ 1
⎛
⎝
⎜
⎞
⎠
⎟ • 0.98V
(10)
where the LT8644S will remain off until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching
will not stop until the input falls slightly below VIN(EN).
When operating in Burst Mode operation for light load
currents, the current through the VIN(EN) resistor network
can easily be greater than the supply current consumed
by the LT8644S. Therefore, the VIN(EN) resistors should
be large to minimize their effect on efficiency at low loads.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the
3.6V supply from SVIN that powers the drivers and the
internal bias circuitry. The INTVCC can supply enough cur-
rent for the LT8644S’s circuitry. Voltage on INTVCC will
vary between 2.6V and 3.6V when SVIN is between 2.7V
and 3.7V. If SVIN is connected to a different supply than
PVIN, be sure to bypass with a local ceramic capacitor. Do
not connect an external load to the INTVCC pin.
Frequency Compensation
Loop compensation determines the stability and transient
performance, and is provided by the components tied to
the VC pin. Generally, a capacitor (CC) and a resistor (RC)
in series to ground are used. Designing the compensation
network is a bit complicated and the best values depend
on the application. A practical approach is to start with
one of the circuits in this data sheet that is similar to your
application and tune the compensation network to opti-
mize the performance. LTpowerCAD® simulations can help
in this process. Stability should then be checked across all
operating conditions, including load current, input voltage
and temperature. The LT1375 data sheet contains a more
thorough discussion of loop compensation and describes
how to test the stability using a transient load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com