Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 2 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TAPE AND REEL (MINI) TAPE AND REEL
PAD OR
BALL FINISH
PART MARKING*
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE FINISH CODE
LT8644SIV#TRMPBF
LT8644SIV#TRPBF
Au (RoHS)
8644S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
AUTOMOTIVE PRODUCTS***
LT8644SIV#WTRMPBF
LT8644SIV#WTRPBF Au (RoHS)
8644S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature ranges. *Pad or
ball finish code is per IPC/JEDEC J-STD-609.
• Device temperature grade is identified by a label on the shipping container.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Parts ending with PBF are RoHS and WEEE compliant. **The LT8644S package has the same dimensions as a standard 4mm × 4mm QFN package.
***Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your local
Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
LT8644S
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN, EN/UV.....................................................10V
PG...............................................................................8V
FB, SS, PHMODE ........................................................4V
SYNC/MODE . .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8644SI........................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ORDER INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN Operating Voltage
l
2.7
8
V
PVIN Operating Voltage
1.5
8
V
SVIN Quiescent Current in Shutdown
VEN/UV = 0V, VIN = 5V
l
6
12
µA
SVIN Quiescent Current in Sleep
VEN/UV = 2V, VFB > 0.6V, VSYNC = 0V, VIN = 5V
l
125
125
195
245
µA
µA
Feedback Reference Voltage
VIN = 5V, VC = 1.25V
VIN = 5V, VC = 1.25V
l
0.598
0.595
0.6
0.6
0.602
0.603
V
V
20
21
22
23
24
19
7
8
9
10 11 12
TOP VIEW
LQFN PACKAGE
24-LEAD (4mm × 4mm × 0.95mm)
JEDEC BOARD: θJA = 38°C/W, θJC(TOP) = 44°C/W, θJC(PAD) = 7°C/W (NOTE 3)
DEMO BOARD: θJA = 24°C/W, ΨJT = 0.8°C/W
EXPOSED PAD (PINS 25–28) ARE PGND, SHOULD BE SOLDERED TO PCB
PHMODE
INTVCC
AGND
SVIN
PVIN
PVIN
RT
EN/UV
PGND
PVIN
PVIN
PVIN
18
17
16
15
14
13
1
2
3
4
5
6
27
PGND
25
PGND
28
PGND
26
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com