Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8640
Description  8V, 16A Synchronous Step-Down Silent Switcher 2
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT8644S
9
Rev. 0
For more information www.analog.com
fault conditions; use a series resistor if driving from a low
impedance output. This pin may be left floating if the soft-start
feature is not being used.
VC (Pin 22): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to AGND to com-
pensate the control loop.
PG (Pin 23): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±7.75% of the final regulation voltage, and there
are no fault conditions. PG is also pulled low when EN/
UV is below 0.98V, INTVCC has fallen too low, SVIN is
too low, or thermal shutdown. PG is valid when SVIN is
above 2.7V.
FB (Pin 24): The LT8644S regulates the FB pin to 0.6V.
Connect the feedback resistor divider tap to this pin. Also,
connect a phase lead capacitor between FB and VOUT.
Typically, this capacitor is 4.7pF to 47pF.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB, typically ground.
BLOCK DIAGRAM
PIN FUNCTIONS
8644S BD
+
+
–
SLOPE COMP
INTERNAL 0.6V REF
OSCILLATOR
300kHz TO 3.5MHz
BURST
DETECT
PLL
3.6V
REG
M1
M2
CBST
0.1µF
COUT
VOUT
SW
8–12
L
BST
SWITCH LOGIC
AND
ANTI-SHOOT
THROUGH
ERROR
AMP
SHDN
±7.75%
SHDN
THERMAL SHDN
INTVCC UVLO
SVIN UVLO
SHDN
THERMAL SHDN
SVIN UVLO
EN/UV
0.98V
+
–
17
7
INTVCC
2
PVIN
13, 14, 15
PGND
6, 12, 25–28
CLKOUT
PHMODE
PG
23
VC
FB
R1
C1
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
24
SS
2µA
60k
21
RT
AGND
18
3
SYNC/MODE
INTVCC
20
PVIN
5, 6
VIN
CIN1
1µF
CIN3
19
CIN2
1µF
CVCC
1µF
22
600k
60k
INTVCC
INTVCC
600k
RC
CC
SVIN
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com