Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 35Page - Analog Devices LTC6804 Datasheet HTML 36Page - Analog Devices LTC6804 Datasheet HTML 37Page - Analog Devices LTC6804 Datasheet HTML 38Page - Analog Devices LTC6804 Datasheet HTML 39Page - Analog Devices LTC6804 Datasheet HTML 40Page - Analog Devices LTC6804 Datasheet HTML 41Page - Analog Devices LTC6804 Datasheet HTML 42Page - Analog Devices LTC6804 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
LTC6810-1/LTC6810-2
39
Rev. A
For more information www.analog.com
RESET EVENT
DEVICE BEHAVIOR
Power Cycle
(V+ and VREG both
power cycled)
Transition to STANDBY state.
All registers and state machines are reset to default values.
Cell discharge is disabled.
Thermal Shutdown
Cell discharge is disabled.
All of Configuration Register Group is reset.
The COMM Register Group is reset.
Watchdog Timeout
(while Discharge Timer
is Running)
Transition to EXTENDED BALANCING state.
CFGR0 of Configuration Register is reset.
If DTMEN (in Configuration Register Group) = 0
then CFGR1, CFGR2 and CFGR3 of Configuration Register Group are reset.
The COMM Register Group is reset.
Watchdog Timeout
(no Discharge Timer
Running)
Transition to SLEEP state.
Cell discharge is disabled.
All state machines are reset.
All of Configuration Register Group is reset.
The PWM Register Group is reset.
The COMM Register Group is reset.
Discharge Timeout
(while Watchdog
Timeout has Elapsed)
Transition to SLEEP state.
Same behavior as the previous case above.
Discharge Timeout
(while Watchdog
Timeout is not Elapsed)
Cell discharge is disabled.
The PWM Register Group is reset.
If DTMEN (in Configuration Register) = 1
then CFGAR1, CFGAR2 and CFGAR3 of Configuration Register Group are reset.
CFGAR4 and CFGAR5 of Configuration Register Group are reset.
OPERATION
RESET BEHAVIORS
Power cycling, thermal shutdown, watchdog timeout
and discharge timeout can cause various registers and
circuitry to reset when they occur. The following sum-
marizes the behaviors when these events occur:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com