Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 76Page - Analog Devices LTC6804 Datasheet HTML 77Page - Analog Devices LTC6804 Datasheet HTML 78Page - Analog Devices LTC6804 Datasheet HTML 79Page - Analog Devices LTC6804 Datasheet HTML 80Page - Analog Devices LTC6804 Datasheet HTML 81Page - Analog Devices LTC6804 Datasheet HTML 82Page - Analog Devices LTC6804 Datasheet HTML 83Page - Analog Devices LTC6804 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
LTC6810-1/LTC6810-2
80
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Both t5 and t6 must be lengthened as the number of
LTC6810 devices in the daisy chain increase. The equa-
tions for these times are below:
t5 > (#devices • 70ns) + 900ns
t6 > (#devices • 70ns) + 950ns
Connecting Multiple LTC6810-1s on the Same PCB
When connecting multiple LTC6810-1 devices on the
same PCB, only a single transformer is required between
the LTC6810-1 isoSPI ports. The absence of the cable also
reduces the noise levels on the communication lines and
often only a split termination is required. Figure 47 shows
an example application that has multiple LTC6810-1s
on the same PCB, communicating to the bottom MCU
through a LTC6820 isoSPI driver. If a transformer with
a center tap is used, a capacitor can be added for better
noise rejection. Additional noise filtering is provided with
discrete common mode chokes (CMC) placed to both
sides of the single transformer as shown in Figure 47.
On single board designs with lower noise requirements,
it is possible for a simplified capacitor-isolated coupling
as shown in Figure 48 to replace the transformer. In this
circuit the transformer is directly replaced with two 10nF
capacitors. An optional common mode choke (CMC)
helps provides noise rejection similar to application cir-
cuits using transformers. The circuit is designed to use
IBIAS/ICMP settings identical to the transformer circuit.
Figure 48.
10nF
GNDB
GNDB
GNDB
VREG
10nF
GNDB
VREG
10nF
GNDA
GNDA
GNDA
VREG
10nF
GNDA
VREG
68101 F48
10nF
C13
10nF
10nF
10nF
1k
1k
1k
1k
IPA
IBIAS
ICMP
LTC6810
IMA
49.9
49.9
49.9
49.9
IPB
IMB
V–
IPA
IBIAS
ICMP
LTC6810
IMA
49.9
49.9
49.9
49.9
IPB
IMB
V–
ACT45B-101-2P-TL003
ACT45B-101-2P-TL003
Capacitive Isolation Coupling for LTC6810-1s on the Same PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com