Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 17Page - Analog Devices LTC6804 Datasheet HTML 18Page - Analog Devices LTC6804 Datasheet HTML 19Page - Analog Devices LTC6804 Datasheet HTML 20Page - Analog Devices LTC6804 Datasheet HTML 21Page - Analog Devices LTC6804 Datasheet HTML 22Page - Analog Devices LTC6804 Datasheet HTML 23Page - Analog Devices LTC6804 Datasheet HTML 24Page - Analog Devices LTC6804 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
LTC6810-1/LTC6810-2
21
Rev. A
For more information www.analog.com
OPERATION
MEASURE State
The LTC6810 performs ADC conversions in this state. The
references and ADCs are powered up.
After ADC conversions are complete the LTC6810 will
transition to either the REFUP or STANDBY states,
depending on the REFON bit. Additional ADC conversions
can be initiated more quickly by setting REFON = 1 to take
advantage of the REFUP state.
Note: Non-ADC commands do not cause a Core state tran-
sition. Only an ADC Conversion or DIAGN command will
place the Core in the MEASURE state.
EXTENDED BALANCING State
The watchdog timer has timed out, but the discharge timer
has not yet timed out (DTEN = 1). Discharge by PWM may
be in progress. If the Discharge Timer Monitor is enabled
then the LTC6810 will transition to the DTM MEASURE
state every 30 seconds to measure the cell voltages. If a
WAKEUP signal is received, the LTC6810 will transition
from EXTENDED BALANCING state to STANDBY state.
Discharge Timer Monitor MEASURE State
The watchdog timer has timed out but background moni-
toring has been enabled (DTMEN = 1 in the Configuration
Register). The LTC6810 enters this state from the
EXTENDED BALANCING state once every 30 seconds to
measure the cell voltages. The LTC6810 is in the highest
core power state and an A/D conversion is in progress. If
a WAKEUP signal is received, the LTC6810 will transition
from DTM MEASURE state to STANDBY state.
isoSPI STATE DESCRIPTIONS
Note: The LTC6810-1 has two isoSPI ports (A and B), for
daisy-chain communication. The LTC6810-2 has only one
isoSPI port (A), for parallel-addressable communication.
IDLE State
The isoSPI ports are powered down.
When isoSPI port A or port B (LTC6810-1 only) receives a
WAKEUP signal (see Waking up the Serial Interface), the
isoSPI enters the READY state. This transition happens
quickly (within tREADY) if the Core is in the STANDBY state.
If the Core is in the SLEEP state when the isoSPI receives
a WAKEUP signal, the it transitions to the READY state
within tWAKE.
READY State
The isoSPI port(s) are ready for communication. Port
B is enabled only for LTC6810-1, and is not present on
the LTC6810-2. The serial interface current in this state
depends on if the part is LTC6810-1 or LTC6810-2, the
status of the ISOMD pin, and RBIAS = RB1 + RB2 (the
external resistors tied to the IBIAS pin).
If there is no activity (i.e. no WAKEUP signal) for greater
than tIDLE = 5.5ms, the LTC6810 goes to the IDLE state.
When the serial interface is transmitting or receiving data
the LTC6810 goes to the ACTIVE state.
ACTIVE State
The LTC6810 is transmitting/receiving data using one
or both of the isoSPI ports. The serial interface con-
sumes maximum power in this state. The supply current
increases with clock frequency as the density of isoSPI
pulses increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com