Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 7Page - Analog Devices LTC6804 Datasheet HTML 8Page - Analog Devices LTC6804 Datasheet HTML 9Page - Analog Devices LTC6804 Datasheet HTML 10Page - Analog Devices LTC6804 Datasheet HTML 11Page - Analog Devices LTC6804 Datasheet HTML 12Page - Analog Devices LTC6804 Datasheet HTML 13Page - Analog Devices LTC6804 Datasheet HTML 14Page - Analog Devices LTC6804 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
LTC6810-1/LTC6810-2
11
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Measurement Gain Error
Hysteresis, Hot
Measurement Gain Error
Hysteresis, Cold
Noise Filter Response
Measurement Error vs VREG
Measurement Error vs V+
Top Cell Measurement Error vs V+
Measurement Error vs Common
Mode Voltage
Measurement Error Due to a VREG
AC Disturbance
Measurement Error Due to a V+
AC Disturbance
TA = 25°C, unless otherwise noted.
TA = 25°C TO 85°C
CHANGE IN GAIN ERROR (ppm)
–100 –75 –50 –25
0
25
50
75 100
0
5
10
15
6810 G10
TA = 25°C TO –40°C
CHANGE IN GAIN ERROR (ppm)
–100 –75 –50 –25
0
25
50
75 100
0
5
10
15
6810 G11
26Hz
422Hz
1kHz
2kHz
3kHz
7kHz
14kHz
27kHz
INPUT FREQUENCY (Hz)
10
100
1k
10k
100k
1M
–70
–60
–50
–40
–30
–20
–10
0
6810 G12
V+ (V)
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
6810 G13
VIN = 2V
VIN = 3.3V
VIN = 4.2V
MEASUREMENT ERROR OF
CELL1 WITH 3.3V INPUT,
VREG INTERNALLY GENERATED,
FIGURE 2
V+ (V)
5
10
15
20
25
30
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
125°C
25°C
–40°C
6810 G14
C6 – C5 = 3.3V
C6 = 19.8V
V+ (V)
17
18
19
20
21
22
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
6810 G15
C5 VOLTAGE (V)
0
5
10
15
20
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
6810 G16
C6–C5 = 3.3V
V+ = 23.3V
V+(DC) = 19.8V
V+(AC) = 5V
1-BIT CHANGE < –70dB
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–80
–70
–60
–50
–40
–30
–20
–10
0
6810 G17
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
6810 G18
V+(DC) = 19.8V
V+(AC) = 5V
1-BIT CHANGE < –90dB
VREG GENERATED FROM
DRIVE PIN, FIGURE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com