Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 20Page - Analog Devices LTC6804 Datasheet HTML 21Page - Analog Devices LTC6804 Datasheet HTML 22Page - Analog Devices LTC6804 Datasheet HTML 23Page - Analog Devices LTC6804 Datasheet HTML 24Page - Analog Devices LTC6804 Datasheet HTML 25Page - Analog Devices LTC6804 Datasheet HTML 26Page - Analog Devices LTC6804 Datasheet HTML 27Page - Analog Devices LTC6804 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
LTC6810-1/LTC6810-2
24
Rev. A
For more information www.analog.com
OPERATION
ADC OPERATION
There is one ADC inside the LTC6810. The ADC is used to
measure the cell voltages via the C or S pins and general
purpose inputs.
ADC Modes
The ADCOPT bit (CFGR0[0]) in the Configuration Register
Group and the mode selection bits MD[1:0] in the conver-
sion command together provide eight modes of operation
for the ADC which correspond to different oversampling
ratios (OSR). The accuracy and timing of these modes
are summarized in Table 3. In each mode, the ADC first
measures the inputs, and then performs a calibration. The
names of the modes are based on the –3dB bandwidth of
the ADC measurement.
Mode 7kHz (Normal Mode): In this mode, the ADC has
high resolution and low TME (total measurement error).
This is considered the normal operating mode because of
the optimum combination of speed and accuracy.
Mode 27kHz (Fast Mode): In this mode, the ADC has
maximum throughput but has some increase in TME (total
measurement error). So this mode is also referred to as
the fast mode. The increase in speed comes from a reduc-
tion in the oversampling ratio. This results in an increase
in noise and average measurement error.
Mode 26Hz (Filtered Mode): In this mode, the ADC digital
filter –3dB frequency is lowered to 26Hz by increasing the
OSR. This mode is also referred to as the filtered mode
due to its low –3dB frequency. The accuracy is similar to
the 7kHz (normal) mode with lower noise.
Modes 14kHz, 3kHz, 2kHz, 1kHz and 422Hz: Modes
14kHz, 3kHz, 2kHz, 1kHz and 422Hz provide additional
options to set the ADC digital filter –3dB at 13.5kHz,
3.4kHz, 1.7kHz, 845Hz and 422Hz respectively. The accu-
racy of the 14kHz mode is similar to the 27kHz (fast)
mode. The accuracy of 3kHz, 2kHz, 1kHz and 422Hz
modes is similar to the 7kHz (normal) mode.
The filter bandwidths and the conversion times for these
modes are provided in Table 3 and Table 5. If the Core is
in STANDBY state, an additional tREFUP time is required to
power up the reference before beginning the ADC conver-
sions. The reference can remain powered up between ADC
conversions if the REFON bit in Configuration Register
Group is set to 1 so the Core is in REFUP state after a
delay tREFUP. If REFON is set to 1 the Core will go from
STANDBY to the REFUP state after a delay tREFUP. Then,
the subsequent ADC commands will not have the tREFUP
delay before beginning ADC conversions.
ADC Range and Resolution
The cell inputs and GPIO inputs have the same range and
resolution. The ADC inside the LTC6810 has an approxi-
mate range from –0.82V to +5.73V. Negative readings are
rounded to 0V. The format of the data is a 16-bit unsigned
integer where the LSB represents 100µV. Therefore, a
reading of 0x80E8 (33,000 decimal) indicates a measure-
ment of 3.3V.
Figure 5.
ADC INPUT VOLTAGE (V)
0
1
0.1
0.9
0.7
0.5
0.3
0.8
0.6
0.4
0.2
0
2.5
4.5
1.5
3.5
68101 F05
5
2
4
1
3
0.5
NORMAL MODE
FILTERED MODE
Delta-Sigma ADCs have quantization noise which depends
on the input voltage, especially at low Over Sampling
Ratios (OSR), such as in fast mode. In some of the ADC
modes, the quantization noise increases as the input volt-
age approaches the upper and lower limits of the ADC
range. For example, the total measurement noise versus
input voltage in normal and filtered modes is shown in
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com