Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 84 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 80Page - Analog Devices LTC6804 Datasheet HTML 81Page - Analog Devices LTC6804 Datasheet HTML 82Page - Analog Devices LTC6804 Datasheet HTML 83Page - Analog Devices LTC6804 Datasheet HTML 84Page - Analog Devices LTC6804 Datasheet HTML 85Page - Analog Devices LTC6804 Datasheet HTML 86Page - Analog Devices LTC6804 Datasheet HTML 87Page - Analog Devices LTC6804 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
LTC6810-1/LTC6810-2
84
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 56. Recommended Transformers
SUPPLIER
PART NUMBER
TEMP RANGE
VWORKING
VHIPOT/60S CT CMC
H
L
W
(W/ LEADS)
PINS
AEC-
Q200
Recommended Dual Transformers
Bourns
SM91501AL
–40°C to 125°C
1000V
4.3kVdc
l
l
5.0mm 15.0mm
14.7mm
12SMT
l
Bourns
SM13105L (AS4562)
–40°C to 125°C
1600V
4.3kVrms
l
l
5.0mm 15.0mm
27.9mm
12SMT
–
Bourns
US4374
–40°C to 125°C
950V
4.3kVdc
l
l
4.9mm 15.6mm
24.0mm
12SMT
l
Jingweida
S12502BA
–40°C to 125°C
1000V
4.3kVdc
l
l
5.0mm 14.8mm
14.8mm
12SMT
l
Halo
TG110-AE050N5LF
–40°C to 85/125°C
60V (est)
1.5kVrms
l
l
6.4mm 12.7mm
9.5mm
16SMT
l
Sumida
CLP178-C20114
–40°C to 125°C
1000V (est)
3.75kVrms
l
l
9mm
17.5mm
15.1mm
12SMT
–
Sumida
CLP0612-C20115
600Vrms
3.75kVrms
l
–
5.7mm 12.7mm
9.4mm
16SMT
–
Pulse
HM2100NL
–40°C to 105°C
1000V
4.3kVdc
–
l
3.5mm 14.7mm
15.0mm
10SMT
l
Pulse
HM2112ZNL
–40°C to 125°C
1600V
4.3kVdc
l
l
3.5mm 14.7mm
15.5mm
12SMT
l
Pulse
HX1188FNL
–40°C to 85°C
60V (est)
1.5kVrms
l
l
6.0mm 12.7mm
9.7mm
16SMT
–
Pulse
HX0068ANL
–40°C to 85°C
60V (est)
1.5kVrms
l
l
2.1mm 12.7mm
9.7mm
16SMT
–
Wurth
7490140110
–40°C to 85°C
250Vrms
4kVrms
l
l
10.9mm 24.6mm
17.0mm
16SMT
–
Wurth
7490140111
0°C to 70°C
1000V (est)
4.5kVrms
l
–
8.4mm 17.1mm
15.2mm
12SMT
–
Wurth
749014018
0°C to 70°C
250Vrms
4kVrms
l
l
8.4mm 17.1mm
15.2mm
12SMT
–
Recommended Single Transformers
Bourns
SM91502AL
–40°C to 125°C
1000V
4.3kVdc
l
l
6.5mm
8.5mm
8.9mm
6SMT
l
Bourns
SM13102AL (US4195)
–40°C to 125°C
800V
4kVrms
l
l
3.8mm 11.6mm
21.1mm
6SMT
–
Halo
TD04-QXLTAW
–40°C to 85°C
1000V (est)
5kVrms
l
–
8.6mm
8.9mm
16.6mm
6TH
–
Halo
TGR04-6506V6LF
–40°C to 125°C
300V
3kVrms
l
–
10mm
9.5mm
12.1mm
6SMT
–
Halo
TGR04-A6506NA6NL
–40°C to 125°C
300V
3kVrms
l
–
9.4mm
8.9mm
12.1mm
6SMT
l
Halo
TDR04-A550ALLF
–40°C to 105°C
1000V
5kVrms
l
–
6.4mm
8.9mm
16.6mm
6TH
l
Jingweida
S06107BA
–40°C to 125°C
1000V (est)
4.3kVdc
l
l
6.3mm
7.6mm
9.9mm
6SMT
–
Pulse
HM2101NL
–40°C to 105°C
1000V
4.3kVdc
–
l
5.7mm
7.6mm
9.3mm
6SMT
l
Pulse
HM2113ZNL
–40°C to 125°C
1600V
4.3kVdc
l
l
3.5mm
9mm
15.5mm
6SMT
l
Sumida
CEEH96BNP-LTC6804/11 –40°C to 125°C
600V
2.5kVrms
–
–
7mm
9.2mm
12.0mm
4SMT
–
Sumida
CEP99NP-LTC6804
–40°C to 125°C
600V
2.5kVrms
l
–
10mm
9.2mm
12.0mm
8SMT
–
Sumida
ESMIT-4180/A
–40°C to 105°C
250Vrms
3kVrms
–
–
3.5mm
5.2mm
9.1mm
4SMT
l
Sumida
ESMIT-4187
–40°C to 105°C >400Vrms (est) 2.5kVrms
–
–
3.5mm
7.5mm
12.8mm
4SMT
l
TDK
VMT40DR-201S2P4
–40°C to 125°C
600V (est)
3.4kVdc
l
–
4.0mm
8.5mm
13.8mm
6SMT
l
TDK
ALT4532V-201-T001
–40°C to 105°C
80V
~1kV
l
–
2.9mm
3.2mm
4.5mm
6SMT
l
TDK
VGT10/9EE-204S2P4
–40°C to 125°C
700V
2.8kVrms
l
–
10.6mm 10.4mm
12.6mm
8SMT
l
Sunlord
ALTW0806C-C03
–40°C to 125°C
300V (est)
3kVrms
l
–
8.8mm
6.3mm
8.9mm
6SMT
l
Wurth
750340848
–40°C to 105°C
250V
3kVrms
–
2.2mm
4.4mm
9.1mm
4SMT
–
XFMRS
XFBMC29-BA09
–40°C to 85°C
1600V (est)
2.9kVrms
l
l
5.0mm 10.0mm
19.5mm
6SMT
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com