Electronic Components Datasheet Search
  English  ▼

X  

LTC6804 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6804
Description  6 Channel Battery Stack Monitors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6804 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6804 Datasheet HTML 9Page - Analog Devices LTC6804 Datasheet HTML 10Page - Analog Devices LTC6804 Datasheet HTML 11Page - Analog Devices LTC6804 Datasheet HTML 12Page - Analog Devices LTC6804 Datasheet HTML 13Page - Analog Devices LTC6804 Datasheet HTML 14Page - Analog Devices LTC6804 Datasheet HTML 15Page - Analog Devices LTC6804 Datasheet HTML 16Page - Analog Devices LTC6804 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
LTC6810-1/LTC6810-2
13
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VREF1 vs Temperature
VREF2 vs Temperature
VREF2 VREG Line Regulation
VREF2 V+ Line Regulation
VREF2 Load Regulation
VREF2 Long-Term Drift
Measurement Gain Error
Hysteresis, Hot
Measurement Gain Error
Hysteresis, Cold
VREF2 Change Due to IR Reflow
TA = 25°C, unless otherwise noted.
5 TYPICAL UNITS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
3.135
3.140
3.145
3.150
3.155
3.160
3.165
3.170
3.175
6810 G28
5 TYPICAL UNITS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.995
2.996
2.997
2.998
2.999
3.000
3.001
3.002
3.003
3.004
3.005
6810 G29
VREG (V)
4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5
–200
–150
–100
–50
0
50
100
150
200
6810 G30
125°C
85°C
25°C
–40°C
V+ (V)
2.5
7.5 12.5 17.5 22.5 27.5 32.5 37.5
–100
–75
–50
–25
0
25
50
75
100
6810 G31
125°C
85°C
25°C
–40°C
IOUT (mA)
0.01
0.1
1
10
–1000
–800
–600
–400
–200
0
200
6810 G32
V+ = 19.8V
VREG = 5V
125°C
85°C
25°C
–40°C
TIME (HOURS)
0
500
1000
1500
2000
2500
–100
–80
–60
–40
–20
0
20
40
60
80
100
6810 G33
5 TYPICAL UNITS
TA = 25°C TO 85°C
CHANGE IN GAIN ERROR (ppm)
–75 –50 –25
0
25
50
75 100 125
0
5
10
15
6810 G34
TA = 25°C TO –40°C
CHANGE IN GAIN ERROR (ppm)
–100 –75 –50 –25
0
25
50
75 100
0
5
10
15
6810 G35
CHANGE IN VREF2 (ppm)
–600 –400 –200
0
200
400
600
0
2
4
6
8
10
12
6810 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com