Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 13Page - OKI electronic componets MSM66579 Datasheet HTML 14Page - OKI electronic componets MSM66579 Datasheet HTML 15Page - OKI electronic componets MSM66579 Datasheet HTML 16Page - OKI electronic componets MSM66579 Datasheet HTML 17Page - OKI electronic componets MSM66579 Datasheet HTML 18Page - OKI electronic componets MSM66579 Datasheet HTML 19Page - OKI electronic componets MSM66579 Datasheet HTML 20Page - OKI electronic componets MSM66579 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
17/37
(2) Multiplexed bus type
External program memory control
(V
DD = 4.5 to 5.5 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC = 30 MHz
33.3
—
Clock pulse width (HIGH level)
tφWH
13
—
Clock pulse width (LOW level)
tφWL
13
—
ALE pulse width
T
AW
2 t
φ – 10
—
PSEN pulse width
t
PW
2 t
φ – 14
—
PSEN pulse delay time
t
PAD
t
φ – 10
t
φ + 10
Low address setup time
t
ALS
2t
φ – 20
2t
φ + 3
Low address hold time
t
ALH
t
φ – 10
t
φ + 10
High address setup time
t
AHS
3t
φ – 30
4t
φ + 3
High address hold time
t
AHH
0t
φ + 10
Instruction setup time
t
IS
24
—
Instruction hold time
t
IH
C
L = 50 pF
0t
φ – 3
ns
Note: t
φ = t
cyc/2
t
cyc
INST0 to 7
tφ
WH
CPUCLK
PSEN
A8 to A19
AD0 to AD7
ALE
PC0 to 7
PC8 to 19
tφ
WL
t
AW
t
PAD
t
PW
t
ALS
t
ALH
t
IS
t
IH
t
AHS
t
AHH
Bus timing during no wait cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com