Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 7Page - OKI electronic componets MSM66579 Datasheet HTML 8Page - OKI electronic componets MSM66579 Datasheet HTML 9Page - OKI electronic componets MSM66579 Datasheet HTML 10Page - OKI electronic componets MSM66579 Datasheet HTML 11Page - OKI electronic componets MSM66579 Datasheet HTML 12Page - OKI electronic componets MSM66579 Datasheet HTML 13Page - OKI electronic componets MSM66579 Datasheet HTML 14Page - OKI electronic componets MSM66579 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
11/37
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Digital power supply voltage
V
DD
–0.3 to +7.0
V
Input voltage
V
I
–0.3 to V
DD + 0.3
V
Output voltage
V
O
–0.3 to V
DD + 0.3
V
Analog reference voltage
V
REF
–0.3 to V
DD + 0.3
V
Analog input voltage
V
AI
GND = AGND = 0 V
Ta = 25°C
–0.3 to V
REF
V
100-pin TQFP
650
mW
Power dissipation
P
D
Ta = 70°C
per package 100-pin QFP
750
mW
Storage Temperature
T
STG
—
–50 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
MSM66577
f
OSC ≤ 30 MHz
4.5 to 5.5
MSM66577L
f
OSC ≤ 14 MHz
2.4 to 3.6
MSM66579L
f
OSC ≤ 28 MHz
2.4 to 3.6
MSM66Q577
f
OSC ≤ 30 MHz
4.5 to 5.5
MSM66Q577L
f
OSC ≤ 14 MHz
2.7 to 3.3
Digital power supply voltage
V
DD
MSM66Q579L
f
OSC ≤ 28 MHz
2.7 to 3.3
V
Analog reference voltage
V
REF
—V
DD –0.3 to VDD
V
Analog input voltage
V
AI
—
AGND to V
REF
V
Memory hold voltage
V
DDH
f
OSC = 0 Hz
2.0 to 5.5
V
MSM66577
V
DD = 4.5 to 5.5 V
2 to 30
MSM66577L
V
DD = 2.4 to 3.6 V
2 to 14
MSM66579L
V
DD = 2.4 to 3.6 V
2 to 28
MSM66Q577
V
DD = 4.5 to 5.5 V
2 to 30
MSM66Q577L
V
DD = 2.7 to 3.3 V
2 to 14
f
OSC
MSM66Q579L
V
DD = 2.7 to 3.3 V
2 to 28
MHz
Operating frequency
f
XT
—
32.768
kHz
Ambient temperature
Ta
—
–30 to +70
°C
MOS load
20
—
P0, P3, P11
6
—
Fan out
N
TTL load
P1, P2, P4, P5, P6,
P7, P8, P9, P10,
P14, P15
1—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com