Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 5Page - OKI electronic componets MSM66579 Datasheet HTML 6Page - OKI electronic componets MSM66579 Datasheet HTML 7Page - OKI electronic componets MSM66579 Datasheet HTML 8Page - OKI electronic componets MSM66579 Datasheet HTML 9Page - OKI electronic componets MSM66579 Datasheet HTML 10Page - OKI electronic componets MSM66579 Datasheet HTML 11Page - OKI electronic componets MSM66579 Datasheet HTML 12Page - OKI electronic componets MSM66579 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
9/37
Description
Function
Symbol
Type
Primary function
Type
Secondary function
P7_6/PWM0OUT
O
PWM0 output pin
P7_7/PWM1OUT
I/O
2-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
PWM1 output pin
P8_0/RXD1
I
SIO1 receive data input pin
P8_1/TXD1
O
SIO1 transmit data output pin
P8_2/RXC1
I/O
SIO1 receive clock I/O pin
P8_3/TXC1
I/O
SIO1 transmit clock I/O pin
P8_4/TM4OUT
O
Timer 4 timer output pin
P8_6/PWM2OUT
O
PWM2 output pin
P8_7/PWM3OUT
I/O
7-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
PWM3 output pin
P9_0/EXINT4
I
External Interrupt 4 input pin
P9_1/EXINT5
I
External Interrupt 5 input pin
P9_2/EXINT6
I
External Interrupt 6 input pin
P9_3/EXINT7
I
External Interrupt 7 input pin
P9_7/HLDACK
I/O
5-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
HOLD mode output pin
P10_3/SIOCK4
I/O
SIO4 transmit-receive clock I/O pin
P10_4/SIOO4
I
SIO4 receive data input pin
P10_5/SIOI4
I/O
3-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
SIO4 transmit data output pin
P11_0/WAIT
I
External data memory access
wait input pin
P11_1/HOLD
I
HOLD mode request input pin
P11_2/CLKOUT
O
Main clock pulse output pin
P11_3/XTOUT
I/O
4-bit I/O port
10 mA sink capability
Pull-up resistors can be
specified for each individual bit
O
Sub clock pulse output pin
P12_0/AI0
to
P12_7/AI7
I
8-bit input port
I
A/D converter analog input port
P14_0/SIOCK5
I/O
SIO5 transmit-receive clock I/O
pin
P14_1/SIOO5
O
SIO5 transmit data output pin
P14_2/SIOI5
I
SIO5 receive data input pin
P14_6/AO0
O
D/A converter analog output port
P14_7/AO1
I/O
5-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
D/A converter analog output port
P15_0/RXD6
I
SIO6 receive data input pin
P15_1/TXD6
O
SIO6 transmit data output pin
P15_2/RXC6
I/O
SIO6 receive clock I/O pin
Port
P15_3/TXC6
I/O
4-bit I/O port
Pull-up resistors can be
specified for each individual bit
I/O
SIO6 transmit clock I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com