Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 30 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 30 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 26Page - OKI electronic componets MSM66579 Datasheet HTML 27Page - OKI electronic componets MSM66579 Datasheet HTML 28Page - OKI electronic componets MSM66579 Datasheet HTML 29Page - OKI electronic componets MSM66579 Datasheet HTML 30Page - OKI electronic componets MSM66579 Datasheet HTML 31Page - OKI electronic componets MSM66579 Datasheet HTML 32Page - OKI electronic componets MSM66579 Datasheet HTML 33Page - OKI electronic componets MSM66579 Datasheet HTML 34Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
30/37
Slave mode (Clock synchronous serial port)
MSM66577L/579L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577L/Q579L (V
DD = 2.7 to 3.3 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC = 14 MHz
71.4
—
Serial clock cycle time
t
SCKC
5.6 t
cyc
—
Output data setup time
t
STMXS
2.8 t
φ – 30
—
Output data hold time
t
STMXH
5.6 t
φ – 20
—
Input data setup time
t
SRMXS
21
—
Input data hold time
t
SRMXH
C
L = 50 pF
7—
ns
Note: t
φ = t
cyc/2
Measurement points for AC timing
0.8 V
0.2 V
0.8 V
0.2 V
VDD
0 V
CPUCLK
(SIOI)
SDOUT
(SIOO)
SIOCK
SDIN
t
STMXS
t
STMXH
t
SCKC
t
SRMXS
t
SRMXH
t
cyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com