Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 14Page - OKI electronic componets MSM66579 Datasheet HTML 15Page - OKI electronic componets MSM66579 Datasheet HTML 16Page - OKI electronic componets MSM66579 Datasheet HTML 17Page - OKI electronic componets MSM66579 Datasheet HTML 18Page - OKI electronic componets MSM66579 Datasheet HTML 19Page - OKI electronic componets MSM66579 Datasheet HTML 20Page - OKI electronic componets MSM66579 Datasheet HTML 21Page - OKI electronic componets MSM66579 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
18/37
External data memory control
(V
DD = 4.5 to 5.5 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC = 30 MHz
33.3
—
Clock pulse width (HIGH level)
tφWH
13
—
Clock pulse width (LOW level)
tφWL
13
—
ALE pulse width
t
AW
2 t
φ – 10
—
RD pulse width
t
RW
2 t
φ – 14
—
WR pulse width
t
WW
2 t
φ – 14
—
RD pulse delay time
t
RAD
t
φ – 10
t
φ +10
WR pulse delay time
t
WAD
t
φ – 10
t
φ +10
Low address setup time
t
ALS
2 t
φ – 20
2 t
φ +3
Low address hold time
t
ALH
t
φ – 10
t
φ +10
High address setup time
t
AHS
3 t
φ – 30
3 t
φ +3
High address hold time
t
AHH
t
φ – 10
t
φ +10
Read data setup time
t
RS
24
—
Read data hold time
t
RH
0t
φ – 3
Write data setup time
t
WS
2t
φ – 12
—
Write data hold time
t
WH
C
L = 50 pF
t
φ – 3
t
φ + 3
ns
Note: t
φ = t
cyc/2
DIN0 to 7
RAP8 to 19
A
t
cyc
tφ
WH
CPUCLK
RD
A8 to A19
AD0 to AD7
ALE
RAP0 to 7
DOUT0 to 7
WR
A8 to A19
AD0 to AD7
RAP0 to 7
Bus timing during no wait cycle time
RAP8 to 19
tφ
WL
t
AW
t
RAD
t
RW
t
ALS
t
ALH
t
RS
t
RH
t
AHH
t
AHS
t
WAD
t
WW
t
WH
t
WS
t
ALS
t
ALH
t
AHH
t
AHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com