Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM66579 Datasheet HTML 1Page - OKI electronic componets MSM66579 Datasheet HTML 2Page - OKI electronic componets MSM66579 Datasheet HTML 3Page - OKI electronic componets MSM66579 Datasheet HTML 4Page - OKI electronic componets MSM66579 Datasheet HTML 5Page - OKI electronic componets MSM66579 Datasheet HTML 6Page - OKI electronic componets MSM66579 Datasheet HTML 7Page - OKI electronic componets MSM66579 Datasheet HTML 8Page - OKI electronic componets MSM66579 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
5/37
BLOCK DIAGRAM
*: Address output/data I/O when
selecting multiplexed bus type.
NMI
EXINT0
to
EXINT7
TM4OUT
SIOI4
SIOO4
SIOCK4
PWMOUT0
PWMOUT2
PWMOUT1
PWMOUT3
CPCM0
CPCM1
SIOI5
SIOO5
SIOCK5
AO0
AO1
Instruction
Decoder
RAM
4K/12K
TBC
RTC
TM0OUT
TM0EVT
TM1OUT
TM1EVT
TM2OUT
TM2EVT
CLKOUT
XTOUT
CPU Core
ROM
128K
RXD1
TXD1
RXC1
TXC1
16 bit Timer0
Peripheral
SIO1
(UART/SYNC)
8 bit Time4/BRG
8 bit PWM0
8 bit PWM1
SIO4
(32 byte FIFO SYNC)
8 bit Timer3/BRG
8 bit Timer6/WDT
8bit Timer9
CAP/CMP
16 bit FRC
10 bit A/D
Converter
Interrupt
V
REF
AGND
AI0 to AI7
ALU Control
ACC
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P14
P15
System
Control
Memory Control
Pointing Registers
SSP
LRB
PSW
PC
DSR TSR CSR
Control
Registers
ALU
EA
SELMBUS
PSEN
RD
WR
WAIT
D0 to D7
A0 to A19
XT0
XT1
OSC0
OSC1
HOLD
HLDACK
RES
8 bit Timer1
8 bit Timer2
RXD6
TXD6
RXC6
TXC6
SIO6
(UART/SYNC)
SIO5
(32 byte FIFO SYNC)
8 bit D/A Converter
(AD0 to AD7*)
8 bit Timer5/BRG
(AD8 to AD19*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com