Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 34 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 34 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 29Page - OKI electronic componets MSM66579 Datasheet HTML 30Page - OKI electronic componets MSM66579 Datasheet HTML 31Page - OKI electronic componets MSM66579 Datasheet HTML 32Page - OKI electronic componets MSM66579 Datasheet HTML 33Page - OKI electronic componets MSM66579 Datasheet HTML 34Page - OKI electronic componets MSM66579 Datasheet HTML 35Page - OKI electronic componets MSM66579 Datasheet HTML 36Page - OKI electronic componets MSM66579 Datasheet HTML 37Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
34/37
D/A Converter Characteristics
(VDD = 2.4 to 3.6 V/4.5 to 5.5 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
—
—
8
Bit
Linearity error
E
L
——
1
Absolute precision
—
—
——
2
LSB
Conversion time
t
CONV
C
L = 50 pF
—
20
50
µs
Analog output impedance
—
—
—
20
—
k
Ω
Definition of Terminology
1. Resolution
Resolution is the value of minimum discernible analog output.
With 8 bits, since 28 = 256, resolution of (VDD – GND) ÷ 256 is possible.
2. Linearity error
Linearity error is the difference between ideal conversion characteristics and actual conversion characteristics of
an 8-bit D/A converter.
Ideal conversion characteristics can be obtained by dividing the voltage between VDD and GND into 256 equal
steps.
3. Differential linearity error
Differential linearity error indicates the smoothness of conversion characteristics. Ideally, the range of analog
input voltage that corresponds to 1 converted bit of digital input is 1LSB = (VDD – GND) ÷ 256. Differential error
is the difference between this ideal bit size and bit size of an arbitrary point in the conversion range.
4. Absolute precision
Absolute precision is a gross error including a linearity error and the effect of noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com