Electronic Components Datasheet Search
  English  ▼

X  

MSM66579 Datasheet(PDF) 31 Page - OKI electronic componets

Part # MSM66579
Description  16-Bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66579 Datasheet(HTML) 31 Page - OKI electronic componets

Back Button MSM66579 Datasheet HTML 27Page - OKI electronic componets MSM66579 Datasheet HTML 28Page - OKI electronic componets MSM66579 Datasheet HTML 29Page - OKI electronic componets MSM66579 Datasheet HTML 30Page - OKI electronic componets MSM66579 Datasheet HTML 31Page - OKI electronic componets MSM66579 Datasheet HTML 32Page - OKI electronic componets MSM66579 Datasheet HTML 33Page - OKI electronic componets MSM66579 Datasheet HTML 34Page - OKI electronic componets MSM66579 Datasheet HTML 35Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
PEDL66579-03
1Semiconductor
MSM66579 Family
31/37
A/D Converter Characteristics 1 (VDD = 4.5 to 5.5 V)
(Ta = –30 to 70°C, V
DD = VREF = 4.5 to 5.5 V, AGND = GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
—
10
—
Bit
Linearity error
E
L
——
±3
Differential linearity error
E
D
——
±2
Zero scale error
E
ZS
——
+3
Full-scale error
E
FS
Refer to measurement
circuit 1
Analog input source
impedance
R
I ≤ 5 kΩ
t
conv = 10.7 µs
——
–3
Cross talk
E
CT
Refer to measurement
circuit 2
——
±1
LSB
Conversion time
t
CONV
Set according to
ADTM set data
10.7
—
—
µs/ch
A/D Converter Characteristics 2 (VDD = 2.4 to 3.6 V)
(Ta = –30 to 70°C, V
DD = VREF = 2.7 to 3.6 V, AGND = GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
—
10
—
Bit
Linearity error
E
L
——
±3
Differential linearity error
E
D
——
±2
Zero scale error
E
ZS
——
+3
Full-scale error
E
FS
Refer to measurement
circuit 1
Analog input source
impedance
R
I ≤ 5 kΩ
t
conv = 10.7 µs
——
–3
Cross talk
E
CT
Refer to measurement
circuit 2
——
±1
LSB
Conversion time
t
CONV
Set according to
ADTM set data
27.4
—
—
µs/ch
[Note] The A/D conversion time should be set according to ADTV set data. Set the number of
conversion clock cycles according to frequencies of operation so that the A/D conversion time is
32
µs or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com