Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 160 page
background image
56F8335 Technical Data, Rev. 1
152
Freescale Semiconductor
Preliminary
Table 11-2 56F8135 128-Pin LQFP Package Identification by Pin Number
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1
INDEX0
33
PWMB1
65
VSS
97
ANB1
2
HOME0
34
PWMB2
66
NC
98
ANB2
3VSS
35
VSS
67
NC
99
ANB3
4VDD_IO
36
VDD_IO
68
NC
100
ANB4
5VPP2
37
PWMB3
69
NC
101
ANB5
6
CLKO
38
PWMB4
70
NC
102
ANB6
7
TXD0
39
PWMB5
71
OCR_DIS
103
ANB7
8
RXD0
40TXD172
VDDA_OSC_PLL
104
GPIOC8
9
SCLK1
41
RXD1
73
XTAL
105
GPIOC9
10
MOSI1
42
GPIOD0
74
EXTAL
106
GPIOC10
11
MISO1
43
GPIOD1
75
VCAP3
107
GPIOE10
12
SS1
44
GPIOD2
76
VDD_IO
108
GPIOE11
13
VCAP4
45
GPIOD3
77
RSTO
109
GPIOE12
14
VDD_IO
46
GPIOD4
78
RESET
110
GPIOE13
15
GPIOA01
47
GPIOD5
79
CLKMODE
111
TC0
16
GPIOA11
48
ISB0
80
ANA0
112
VDD_IO
17
GPIOA21
49
VCAP1
81
ANA1
113
TC1
18
GPIOA31
50
ISB1
82
ANA2
114
TRST
19
GPIOA41
51
ISB2
83
ANA3
115
TCK
20
GPIOA51
52
IRQA
84
ANA4
116
TMS
21
VSS
53
IRQB
85
ANA5
117
TDI
22
GPIOF01
54
FAULTB0
86
ANA6
118
TDO
23
GPIOF11
55
FAULTB1
87
ANA7
119
VPP1
24
GPIOF21
56
FAULTB2
88
NC
120
NC
25
VDD_IO
57
FAULTB3
89
VREFLO
121
NC
1. Primary function is not available in this package configuration; GPIO function must be used instead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com