Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
56F8335 Technical Data, Rev. 1
154
Freescale Semiconductor
Preliminary
Figure 11-3 128-pin LQFP Mechanical Information
Please see www.freescale.com for the most current case outline.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE H IS LOCATED AT BOTTOM OF LEAD
AND IS COINCIDENT WITH THE LEAD WHERE THE
LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF
THE PARTING LINE.
4. DATUMS A, B, AND D TO BE DETERMINED AT DATUM
PLANE H.
5. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER
SIDE. DIMENSIONS D1 AND E1 DO INCLUDE MOLD
MISMATCH AND ARE DETERMINED AT DATUM
PLANE H.
7. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL NOT
CAUSE THE b DIMENSION TO EXCEED 0.35.
DIM
MILLIMETERS
MIN
MAX
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.17
0.27
b1
0.17
0.23
c
0.09
0.20
c1
0.09
0.16
D
22.00 BSC
D1
20.00BSC
e
0.50 BSC
E
16.00 BSC
E1
14.00 BSC
L
0.45
0.75
L1
1.00 REF
L2
0.50 REF
S
0.20
---
R1
0.08
---
R2
0.08
0.20
0
0
o
7
o
01
0
o
---
02
11
o
13
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com