Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 160Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 156 / 160 page
background image
56F8335 Technical Data, Rev. 1
156
Freescale Semiconductor
Preliminary
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so
that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over about 1mm of wire extending from the junction. The thermocouple wire
is placed flat against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
When heat sink is used, the junction temperature is determined from a thermocouple inserted at the
interface between the case of the package and the interface material. A clearance slot or hole is normally
required in the heat sink. Minimizing the size of the clearance is important to minimize the change in
thermal performance caused by removing part of the thermal interface to the heat sink. Because of the
experimental difficulties with this technique, many engineers measure the heat sink temperature and then
back-calculate the case temperature using a separate measurement of the thermal resistance of the
interface. From this case temperature, the junction temperature is determined from the junction-to-case
thermal resistance.
12.2 Electrical Design Considerations
Use the following list of considerations to assure correct operation of the 56F8335/56F8135:
•
Provide a low-impedance path from the board power supply to each VDD pin on the device, and from the
board ground to each VSS (GND) pin
•
The minimum bypass requirement is to place six 0.01–0.1
µF capacitors positioned as close as possible to
the package supply pins. The recommended bypass configuration is to place one bypass capacitor on each
of the VDD/VSS pairs, including VDDA/VSSA. Ceramic and tantalum capacitors tend to provide better
performance tolerances.
•
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and VSS (GND)
pins are less than 0.5 inch per capacitor lead
•
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers for VDD and VSS
•
Bypass the VDD and VSS layers of the PCB with approximately 100µF, preferably with a high-grade
capacitor such as a tantalum capacitor
CAUTION
This device contains protective circuitry to guard
against damage due to high static voltage or electrical
fields. However, normal precautions are advised to
avoid
application
of
any
voltages
higher
than
maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are
tied to an appropriate voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com