Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices ADP5014 Datasheet HTML 28Page - Analog Devices ADP5014 Datasheet HTML 29Page - Analog Devices ADP5014 Datasheet HTML 30Page - Analog Devices ADP5014 Datasheet HTML 31Page - Analog Devices ADP5014 Datasheet HTML 32Page - Analog Devices ADP5014 Datasheet HTML 33Page - Analog Devices ADP5014 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 32 of 34
18nF
13k
Ω
L1
GPIO
AVIN
FB1
SW1
SW1
L3
SW3
FB3
PGND3
SW4
PGND4
PVIN1
PVIN1
PVIN2
PVIN2
PVIN3
COMP3
PVIN4
5.0V
VOUT1
VOUT3
AGND
EXPOSED PAD
ADP5014
PGND1
PGND1
FB2
SW2
SW2
PGND2
EN3/UV
EN2/DL12
VSET3
EN1/ENALL
EN4/DL34
VREF
VREF
CFG1
CFG2
RT
REF
OSC
LOGIC DECODER
C3
47µF
1.3V/3000mA
0.47µF
0Ω
1µH
1.5µH
C13
47µF
20k
Ω
6.04k
Ω
C1
10µF
C2
1µF
10nF
10.7k
Ω
COMP1
VSET1
VREF
20k
Ω
4.32k
Ω
10nF
10.7k
Ω
COMP2
VSET2
VREF
20k
Ω
4.32k
Ω
15nF
2.21k
Ω
COMP4
VSET4
VREF
20k
Ω
4.32k
Ω
CH 1
BUCK
(2A/4A)
CH 2
BUCK
(2A/4A)
CH 3
BUCK
(1A/2A)
CH 4
BUCK
(1A/2A)
C4
47µF
5.1kΩ
82.5k
Ω
C7
10µF
C12
10µF
C14
10µF
1.3V ANALOG
RF TRANSCEIVER
3.3V/600mA
VREF
ENALL
2ms
6ms
12ms
24ms
36ms
12ms
C5
47µF
3.3nF
L5
220nH
C6
47µF
0.1Ω
31.6kΩ
17.8k
Ω
56.2k
Ω
1.3V DIG
1.3V ANA
3.3V VDD/
1.8V TX
1.3V DIGITAL
1.3V VDD_JESD
3.3V VDD_GPO
1.8V LVDS/CMOS
1.8V TX
PGND2
L4
FB4
VOUT4
C15
47µF
1.8V/600mA
1.5µH
5.1kΩ
C16
47µF
3.3nF
L8
220nH
C17
47µF
0.1Ω
L2
VOUT2
C8
47µF
1.3V/1500mA
1µH
C9
47µF
5.1kΩ
C10
47µF
3.3nF
L6
220nH
C11
47µF
0.1Ω
Figure 47. Typical RF Transceiver Application, 1.2 MHz Switching Frequency, Sequence Enable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com