Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 22Page - Analog Devices ADP5014 Datasheet HTML 23Page - Analog Devices ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices ADP5014 Datasheet HTML 28Page - Analog Devices ADP5014 Datasheet HTML 29Page - Analog Devices ADP5014 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 26 of 34
JUNCTION TEMPERATURE
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to power dissipation, as shown in the following
equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rise in temperature of the package due to power
dissipation.
The rise in temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is the thermal resistance from the
junction of the die to the ambient temperature, as shown in the
following equation:
TR = θJA × PD
where:
TR is the rise in temperature of the package.
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package (see Table 4). Thermal
performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is
required.
PD is the power dissipation in the package.An important factor
to consider is that the thermal resistance value is based on a
4-layer, 4 inch × 3 inch PCB with 2.5 oz of copper, as specified
in the JEDEC standard, whereas real world applications can use
PCBs with different dimensions and a different number of
layers.
It is important to maximize the amount of copper used to
remove heat from the device. Copper exposed to air dissipates
heat better than copper used in the inner layers. The exposed
pad is connected to the ground plane with several vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com