Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices ADP5014 Datasheet HTML 28Page - Analog Devices ADP5014 Datasheet HTML 29Page - Analog Devices ADP5014 Datasheet HTML 30Page - Analog Devices ADP5014 Datasheet HTML 31Page - Analog Devices ADP5014 Datasheet HTML 32Page - Analog Devices ADP5014 Datasheet HTML 33Page - Analog Devices ADP5014 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 34 of 34
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.20 MIN
4.45
4.30 SQ
4.25
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD-5
40
1
11
20
21
30
31
10
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDICATOR
AREA
Figure 48. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body, and 0.75 mm Package Height
(CP-40-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
ADP5014ACPZ-R7
−40°C to +125°C
40-Lead Lead Frame Chip Scale Package [LFCSP]
CP-40-10
ADP5014-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
Table 13 lists the factory default options for the device. For a list of factory programmable options, see the Factory Programmable Options section. To order a device
with options other than the default values, contact your local Analog Devices sales or distribution representative.
©2017–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15496-0-8/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com