Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 5Page - Analog Devices ADP5014 Datasheet HTML 6Page - Analog Devices ADP5014 Datasheet HTML 7Page - Analog Devices ADP5014 Datasheet HTML 8Page - Analog Devices ADP5014 Datasheet HTML 9Page - Analog Devices ADP5014 Datasheet HTML 10Page - Analog Devices ADP5014 Datasheet HTML 11Page - Analog Devices ADP5014 Datasheet HTML 12Page - Analog Devices ADP5014 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 9 of 34
Pin No.
Mnemonic
Description
30, 31
PVIN1
Power Input for Channel 1.
32
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from this pin to ground.
33
FB1
Feedback Sensing Input for Channel 1.
34
AVIN
Analog Power Input for the Internal Control Circuitry. Connect a bypass capacitor between this pin and ground.
Connect a small (10 Ω) resistor between this pin and PVINx.
35
RT
Frequency Setting. Connect a resistor from RT to ground to program the switching frequency.
36
VSET1
Channel 1 Reference Voltage Setting Input.
37
VSET2
Channel 2 Reference Voltage Setting Input.
38
VREF
Internal Low Noise Voltage Reference Output.
39
VSET3
Channel 3 Reference Voltage Setting Input.
40
VSET4
Channel 4 Reference Voltage Setting Input.
Exposed Pad
Analog Ground. The exposed pad must be connected and soldered to an external ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com