Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 18Page - Analog Devices ADP5014 Datasheet HTML 19Page - Analog Devices ADP5014 Datasheet HTML 20Page - Analog Devices ADP5014 Datasheet HTML 21Page - Analog Devices ADP5014 Datasheet HTML 22Page - Analog Devices ADP5014 Datasheet HTML 23Page - Analog Devices ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices ADP5014 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 22 of 34
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP5014 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic and bill of materials
and to calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and device count
while considering the operating conditions and limitations of the
IC and all real external components. The ADIsimPower tool can
be found at http://www.analog.com/ADIsimPower; the user
can request an unpopulated board through the tool.
PROGRAMMING THE OUTPUT VOLTAGE
The output voltage of the ADP5014 is externally set by a resistive
voltage divider from the VREF pin to the VSETx pin and a
resistive voltage divider from the output voltage to the FBx pin.
To limit the degradation of the output voltage accuracy due to
VSETx and FBx bias current, ensure the value of the bottom
resistor in the dividers is not too large.
The ADP5014 provides adjustable output voltage settings. Use
the resistor divider from the accurate internal VREF reference
voltage (VREF pin) to set the desired output voltage and
directly tie the FBx pin to the output when the desired output
voltage setting is less than the VREF voltage, as shown in Figure 38.
The equation for the output voltage setting is
VOUT = VREF × (R2/(R1+R2))
where:
VOUT is the output voltage.
VREF is the 2.0 V accurate low noise reference voltage.
R2 is the resistor from VSETx to ground.
R1 is the resistor from VSETx to VREF.
If the desired output voltage exceeds the VREF voltage, use an
external resistor divider from the output to the FBx pin to set
the desired output voltage, and tie VSETx to VREF directly, as
shown in Figure 39.
The equation for the output voltage setting is as follows:
VOUT = VREF × (1 + (RTOP/RBOT))
where:
VOUT is the output voltage.
VREF is the 2.0 V accurate low noise reference voltage.
RTOP is the feedback resistor from VOUT to FB.
RBOT is the feedback resistor from FB to ground.
VOLTAGE CONVERSION LIMITATIONS
For a given input voltage, lower limitations on the output voltage
exist due to the minimum on time and the minimum off time.
The minimum output voltage for a given input voltage and
switching frequency is limited by the minimum on time. The
minimum on time for each channel is 60 ns (typical). The
minimum on time increases at higher junction temperatures.
Note that in FPWM mode, the output voltage potentially
exceeds the nominal output voltage when the minimum on
time limit is reached. Careful switching frequency selection is
required to avoid this problem.
The minimum output voltage in CCM mode for a given input
voltage and switching frequency is calculated using the
following equation:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON1 − RDSON2) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON2 + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON1 is the high-side MOSFET on resistance.
RDSON2 is the low-side MOSFET on resistance.
IOUT_MIN is the minimum output current.
RL is the resistance of the output inductor.
+
EA
VSETx
R1
R2
ADP5014
FBx
SWx
L
C
VOUTx
COMPx
VREF
–
INTERNAL
REFERENCE 2.0V
Figure 38. Configure the Output Voltage when VOUTx ≤ VREF
+
–
EA
INTERNAL
REFERENCE 2.0V
VSETx
ADP5014
FBx
SWx
L
C
VOUTx
COMPx
VREF
RTOP
RBOT
Figure 39. Configure the Output Voltage when VOUTX > VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com