Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 23Page - Analog Devices ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices ADP5014 Datasheet HTML 28Page - Analog Devices ADP5014 Datasheet HTML 29Page - Analog Devices ADP5014 Datasheet HTML 30Page - Analog Devices ADP5014 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 27 of 34
DESIGN EXAMPLES
This section provides an example of the step by step design
procedures and the external components required for Channel 1.
Table 12 lists the design requirements for this example.
Table 12. Example Design Requirements for Channel 1
Parameter
Specification
Input Voltage
VPVIN1 = 5 V ± 5%
Output Voltage
VOUT1 = 1.2 V
Output Current
IOUT1 = 4 A
Output Ripple
ΔVOUT1_RIPPLE = 5 mV in CCM mode
Load Transient
±5%, at 20% to 80% load transient, 1 A/µs
Although this example shows step by step design procedures for
Channel 1, the procedures apply to all other buck regulator
channels (Channel 2 to Channel 4).
SETTING THE SWITCHING FREQUENCY
The first step when setting the switching frequency is to determine
the switching frequency for the ADP5014 design. In general,
higher switching frequencies produce a smaller solution size
due to the lower component values required, whereas lower
switching frequencies result in higher conversion efficiency due
to lower switching losses.
The switching frequency of the ADP5014 can be set to a value
from 500 kHz to 2.5 MHz by connecting a resistor from the RT
pin to ground. The selected resistor allows users to make
decisions based on the trade-off between efficiency and solution
size. For more information, see the Oscillator section.
However, the highest supported switching frequency must be
assessed by checking the voltage conversion limitations
enforced by the minimum on time and the minimum off time
(see the Voltage Conversion Limitations section).
In this design example, a switching frequency of 1.2 MHz
achieves a good combination of small solution size and high
conversion efficiency. To set the switching frequency to
1.2 MHz, use the following equation to calculate the resistor
value, RRT:
RRT (kΩ) = (100,000/fSW (kHz))
According to this equation, select standard resistor RRT =
82.5 kΩ.
SETTING THE OUTPUT VOLTAGE
Because the desired output voltage setting is less than VREF
voltage, use the resistor divider from the accurate internal
VREF reference voltage to set the desired output voltage and
directly tie the feedback pin (FB1) to the output (see Figure 38).
Select a 10 kΩ bottom resistor (R2) and then calculate the top
resistor using the following equation:
R1 = R2 × ((VREF − VOUT)/VOUT)
where:
VOUT is the output voltage.
VREF is 2.0 V for Channel 1 to Channel 4.
To set the output voltage to 1.2 V, choose the following resistor
values: R1 = 6.65 kΩ, and R2 = 10 kΩ.
SETTING THE CONFIGUATIONS (CFG1 AND CFG2)
The CFG1 pin can be used to program the load output
capability and parallel operation for all channels. For this
example, choose RCFG1 = 0 kΩ. For more information, see the
configuration in Function Configurations (CFG1 and CFG2).
The CFG2 pin can be used to program the operation mode
(FPWM or PWM/PSM mode), the enable mode (manual mode
or sequence mode), the timer (×1 or ×8), and GPIO functionalities
(PWRGD, SYNC-IN, CLK-OUT, UVO) for all channels. For
this example, choose RCFG2 = 0 kΩ. For more information, see the
configuration in Function Configurations (CFG1 and CFG2).
SELECTING THE INDUCTOR
The peak-to-peak inductor ripple current, ΔIL, is set to 30% of
the maximum output current. Use the following equation to
estimate the value of the inductor (L):
SW
L
OUT
IN
f
I
D
V
V
L
×
∆
×
−
=
)
(
where:
VIN = 5 V.
VOUT = 1.2 V.
D is the duty cycle (D = VOUT/VIN = 0.24).
ΔIL = 30% × 4 A = 1.2 A.
fSW = 1.2 MHz.
The resulting value for L is 0.63 µH. The closest standard
inductor value is 0.8 µH; therefore, the inductor ripple current,
ΔIL1, is 0.95 A.
The inductor peak current is calculated using the following
equation:
IPEAK = IOUT + (ΔIL/2)
The calculated peak current for the inductor is 4.48 A.
The rms current of the inductor can be calculated using the
following equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
The rms current of the inductor is approximately 4.01 A.
Therefore, an inductor with a minimum rms current rating of
4.01 A and a minimum saturation current rating of 4.48 A is
required. However, to prevent the inductor from reaching its
saturation point in current-limit conditions, it is recommended
that the inductor saturation current be higher than the maximum
peak current limit, typically 6 A, for reliable operation.
Based on these requirements and recommendations, the
COILCRAFT XAL5030-801MEB, with a direct current
resistance (DCR) of 5.14 mΩ, is selected for this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com