Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 19Page - Analog Devices ADP5014 Datasheet HTML 20Page - Analog Devices ADP5014 Datasheet HTML 21Page - Analog Devices ADP5014 Datasheet HTML 22Page - Analog Devices ADP5014 Datasheet HTML 23Page - Analog Devices ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 23 of 34
The maximum output voltage for a given input voltage and
switching frequency is limited by the minimum off time or the
maximum duty cycle. The minimum off time for each channel
is 50 ns (typical).
The maximum output voltage for a given input voltage and
switching frequency is calculated using the following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON1 − RDSON2) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON2 + RL) × IOUT_MAX (2)
where:
VOUT_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
fSW is the switching frequency.
RDSON1 is the high-side MOSFET on resistance.
RDSON2 is the low-side MOSFET on resistance.
IOUT_MAX is the maximum output current.
RL is the resistance of the output inductor.
As shown in Equation 1 and Equation 2, reducing the switching
frequency eases the minimum on time and off time limitations.
CURRENT-LIMIT SETTING
The ADP5014 has two selectable current-limit thresholds for
each channel. Ensure that the selected current-limit value is
larger than the peak current of the inductor, IPEAK. See Table 6
for the current-limit configuration for each channel.
SOFT START SETTING
The buck regulators in the ADP5014 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. To set the soft start
time to a value of 2 ms or 16 ms, connect a resistor from the
CFG2 pin to the ground (see the Soft Start section).
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor yields faster transient response but degrades
efficiency due to the larger inductor ripple current. Using a large
inductor value yields a smaller ripple current and better efficiency,
but results in slower transient response. Therefore, a trade-off
must be made between the transient response and efficiency. As
a guideline, the inductor ripple current, ΔIL, is typically set to a
value from 30% to 40% of the maximum load current. The
inductor value is calculated using the following equation:
L = [(VIN − VOUT) × D]/(ΔIL × fSW)
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle (D = VOUT/VIN).
ΔIL is the inductor ripple current.
fSW is the switching frequency.
The ADP5014 has internal slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle is
greater than 50%.The inductor peak current is calculated using
the following equation:
IPEAK = IOUT + (ΔIL/2)
The saturation current of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a fast
saturation characteristic, the saturation current rating of the
inductor are higher than the current-limit threshold of the buck
regulator to prevent the inductor from becoming saturated.
The rms current of the inductor is calculated using the
following equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low electromagnetic interference (EMI). Table 11 lists
the recommended inductors.
Table 11. Recommended Inductors
Vendor
Part No.
Value (µH)
ISAT (A)
IRMS (A)
DCR (mΩ)
Size (mm)
Coilcraft
XAL4020-601
0.6
10.4
11.7
9.5
4 × 4
XAL4020-102
1.0
8.7
9.6
13.3
4 × 4
XAL4020-152
1.5
7.1
7.5
21.5
4 × 4
XAL4020-222
2.2
5.6
5.5
35.2
4 × 4
TOKO
DFE252012P-R68M
0.68
5.3
4.1
30
2.5 × 2.0
DFE252012P-1R0P
1.0
4.8
3.8
35
2.5 × 2.0
DFE252012P-1R5P
1.5
3.9
3.0
50
2.5 × 2.0
DFE252012P-2R2P
2.2
3.4
2.6
70
2.5 × 2.0
Wurth
744383560068
0.68
9.4
8.2
7.5
4.1 × 4.1
74438356010
1
9.0
7.2
12
4.1 × 4.1
74438356015
1.5
7.8
5.8
15
4.1 × 4.1
74438356022
2.2
6.2
4.7
29
4.1 × 4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com