Electronic Components Datasheet Search
  English  ▼

X  

ADP5014 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5014
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5014 Datasheet HTML 24Page - Analog Devices ADP5014 Datasheet HTML 25Page - Analog Devices ADP5014 Datasheet HTML 26Page - Analog Devices ADP5014 Datasheet HTML 27Page - Analog Devices ADP5014 Datasheet HTML 28Page - Analog Devices ADP5014 Datasheet HTML 29Page - Analog Devices ADP5014 Datasheet HTML 30Page - Analog Devices ADP5014 Datasheet HTML 31Page - Analog Devices ADP5014 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 28 of 34
SELECTING THE OUTPUT CAPACITOR
The output capacitor must meet the output voltage ripple and
load transient requirements. To meet the output voltage ripple
requirement, use the following equation to calculate the ESR
and capacitance:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_
The calculated capacitance, COUT_RIPPLE, is 19.8 µF, and the
calculated RESR is 5 mΩ.
To meet the ±5% overshoot and undershoot requirements,
use the following equations to calculate the capacitance:
(
)
UV
OUT
OUT
IN
STEP
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
2
∆
×
−
×
×
∆
×
=
(
)
2
2
2
_
OUT
OUT_OV
OUT
STEP
OV
OV
OUT
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
For estimation purposes, use KOV = KUV = 2; therefore,
COUT_OV = 62.4 µF and COUT_UV = 20.2 µF.
The ESR of the output capacitor must be less than 5 mΩ,
and the output capacitance must be greater than 62.4 µF. It is
recommended that two ceramic capacitors be used (47 µF, X5R,
6.3 V), such as the GRM21BR60J476ME15 from Murata with
an ESR of 2 mΩ.
DESIGNING THE COMPENSATION NETWORK
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this example, fSW is set to 1.2 MHz;
therefore, fC is set to 120 kHz.
For the 1.2 V output rail, the 47 μF ceramic output capacitor has
a derated value of 32 µF.
Ω
=
×
µ
×
×
µ
×
×
×
π
×
=
k
62
.
3
A/V
67
.
16
s
800
V
2
.
1
kHz
120
F
32
2
V
2
.
1
2
C
R
(
)
nF
32
.
5
k
62
.
3
F
32
2
001
.
0
3
.
0
=
Ω
µ
×
×
Ω
+
Ω
=
C
C
pF
7
.
17
k
62
.
3
F
32
2
001
.
0
=
Ω
µ
×
×
Ω
=
CP
C
Choose standard components: RC = 3.57 kΩ and CC = 5.6 nF.
CCP is optional.
Figure 41 shows the bode plot for the 1.2 V output rail. The
cross frequency is 132 kHz, and the phase margin is 56°. The
load transient waveform is shown in Figure 42.
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
FREQUENCY (Hz)
1M
CROSS FREQUENCY = 132kHz
PHASE MARGIN = 56°
Figure 41. Bode Plot for 1.2 V Output
CH1 5.00mV
CH4 2A
M100µs
A CH4
2.16A
1
4
T
25.8%
Ω
B
W
Figure 42. Selecting the Input Capacitor
For the input capacitor, select a ceramic capacitor with a
minimum value of 10 µF. The input capacitor is placed close to
the PVINx pin. In this example, one ceramic capacitor of 10 µF,
X5R, 16 V is recommended.
LOW NOISE OUTPUT DESIGN
The ADP5014 optimizes many analog blocks and uses new unity-
gain reference architecture to achieve lower output noise in low-
frequency range. When the system design needs the low noise
output of ADP5014 , the device enables powering up the signal
chain products directly without LDOs. In this scenario, adding
an additional LC filter is highly recommended after the main
LC filter to filter the fundamental switching ripple and its
harmonic. This is because the switching ripples may generate
unexpected noise spurs for the noises sensitive signal chain
devices. Because this additional inductor filter may generate
voltage drop at the load, the inductor with small DCR is
recommended to minimize the voltage drop, especially for high
current applications.
Figure 43 and Figure 44 show the ADP5014 noise spectral
density measurement from a 10 Hz to 10 MHz frequency range
and integrated rms noise from a 10 Hz to 1 MHz frequency
range, compared to the ADP1740 as another traditional, 2 A,
low noise linear regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com