Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 5 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 5 Page - ES Systems

  ESRF-ESF Datasheet HTML 1Page - ES Systems ESRF-ESF Datasheet HTML 2Page - ES Systems ESRF-ESF Datasheet HTML 3Page - ES Systems ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Datasheet ESRF-ESF
5/14
5. Flow Range Specifications (ln/min)
Flow Range
Flow Range
Unit
Pressure
Drop @ FS
Unit
Umin1
Umax (Digital Output)2
Umax (Analog Output)
010NL
0.1
11
ln/min
0.07
mbar
10
015NL
0.15
16.5
ln/min
0.15
mbar
15
020NL
0.2
22
ln/min
0.17
mbar
20
050NL
0.5
55
ln/min
1
mbar
50
100NL
1
110
ln/min
2.4
mbar
100
200NL
2
220
ln/min
8.6
mbar
200
300NL
3
330
ln/min
18.4
mbar
300
6. Temperature Sensor Specifications
Characteristic
Absolute
Unit
Min.
Typ.
Max.
Full Scale range
0 [+32]
-
+50 [+122]
o
C[oF]
Accuracy
-
o
C
0.5
-
Resolution
8
-
-
bits
1
Flows below Umin will always indicate 0 ln/min
2
In order to improve the quality of the flow measurements, the digital output features an extra 10% flow range from
the nominal FS flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com