Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 3 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 3 Page - ES Systems

  ESRF-ESF Datasheet HTML 1Page - ES Systems ESRF-ESF Datasheet HTML 2Page - ES Systems ESRF-ESF Datasheet HTML 3Page - ES Systems ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Datasheet ESRF-ESF
3/14
2. Absolute Maximum Ratings1
Characteristic
Min.
Max.
Unit
Supply voltage (Vsupply)
4.8
5.5
Vdc
Voltage on any pin
-0.3
5.5
V
Current on any pin
-
2
mA
Burst pressure
-
2
barg
Storage temperature
-20[-4]
+85[+185]
o
C[oF]
Maximum flow applied
-550
550
ln/min
1
Absolute maximum ratings are the extreme limits the device will withstand without damage. The electrical and
performance characteristics are not guaranteed as the maximum limits are approached, nor will the device necessarily
operate as specified at absolute maximum ratings. Prolonged operation at absolute maximum ratings will degrade
the device performance
CAUTION
IMPROPER USE
Do not use these products to sense liquid flow.
Failure to comply with the instructions may
result in product damage.
CAUTION
PRODUCT DAMAGE
Do not disassemble these products.
Failure to comply with the instructions may
result in product damage.
3. Operating Specifications
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage (Vsupply)1
4.8
5.0
5.2
V
Supply current
-
-
80
mA
Output
I2C, SPI, Analog
-
Start-up time2
-
100
-
msec
Operating temp. range
-20[-4]
-
+85[+185]
o
C[oF]
Compensated temp range
0[+32]
-
+50[+122]
o
C[oF]
Relative humidity (non-condensing)
0
-
95
% RH
Pneumatic connection type
ISO5356-1:2004
-
Compatible gases
Inert non aggressive gases
-
Gas conversion factor
Air to O2
Air to N2
-
1.0190
0.9997
-
-
Update rate
1.6
-
-
ms
Digital bus frequency
-
-
100
kHz
Analog output loading
Sink
Source
-
-
10
20
mA
1
The sensor is not reverse polarity protected. Incorrect application of supply voltage or ground to the wrong pin may
cause electrical failure
2
After 95% of Vsupply reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com