Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 8 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 8 Page - ES Systems

Back Button ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems ESRF-ESF Datasheet HTML 10Page - ES Systems ESRF-ESF Datasheet HTML 11Page - ES Systems ESRF-ESF Datasheet HTML 12Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet ESRF-ESF
8/14
Software Reset Function [0xFE]
The device has an additional option to perform a software reset via the I2C communication
interface. This option is useful in specific cases depending on the application. For instance,
the user could issue a S/W reset to assure correct initialization after a hot-plug connection.
The procedure to reset the device is the same as changing a register, followed by the byte
0xFE. In other words, the user must first send the byte 0x8A (7 bit address plus write bit) and
then the byte 0xFE (I2C Mode) or just 0xFE (SPI Mode). The device will then return its
acknowledge bit and immediately reset itself. After 100 milliseconds, the device will be ready
to give its first valid sample.
8. I2C Interface
At power on reset, the sensor defaults to transmission of the contents of the Flow Data
Register. If the master device transmits the selected sensor 7-bit address (0x45) with R/W bit
set, the sensor returns the contents of the Flow Data Register after acknowledging (ACK) by
holding the SDA line low. The master should then provide at least 18 clock pulses on the SCL
line in order to readout the two Flow Data Bytes. An acknowledge bit (ACK) should be provided
by the master on each byte received by holding the SDA line low while providing the 9th clock
pulse. The same frame structure also applies to a Temperature Data transaction. An example
of such a transaction can be seen below.
If in any case the master sends a slave address or a register address that is not recognized a
NACK condition will be returned by the sensor. The sensor supports clock stretching
functionality
Master
MCU
VDD
FLOW
SDA
SCL
S
...
Slave Add+W
A
Register Add
A S
Slave Add+R
A
Data 0
A
Data N
N P
Start
Stop
Slave ACK
Master ACK
SCL
SDA
Master NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com