Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 1 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 1 Page - ES Systems

  ESRF-ESF Datasheet HTML 1Page - ES Systems ESRF-ESF Datasheet HTML 2Page - ES Systems ESRF-ESF Datasheet HTML 3Page - ES Systems ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
v1.6
Datasheet ESRF-ESF
State of the art performance due to MEMS resistive technology
High accuracy and resolution
<±1.25% RD Total Error Band
Wide dynamic range
Bidirectional Flow Measurement
Gas Flow sensor: up to ±300 ln/min
Temperature compensation: 0oC to +50oC
Calibrated & temperature compensated analog or digital output
Excellent long term stability
Low temperature drift
Compact size
Typical Applications
Medical
Ventilation • Anesthesia • Inspiratory flow sensing • Gas mixing • Respiratory measurements •
Drug delivery • Expiratory flow measurement • Metabolic Measurements • Proximal Flow
measurement • Proximal flow measurement for infants / neonates • Expiratory flow
measurement for infants / neonates • Ventilation & Anesthesia for infants / neonates •
Respiratory measurements for infants / neonates • Metabolic Measurements for infants /
neonates • Oxygen concentrators and conservers • Respirators and ventilators • Nebulizers •
Continuous positive airway pressure (CPAP) • Anesthesia machines • Anesthesia delivery
machines, ventilators • ventricular assist devices (heart pumps), spirometers • laparoscopy
Industrial
Mass flow controllers (Telecommunication systems, Environmental climate controls, Fuel cell
controls, Process gas control welding equipment and lasers) • Analytic instrumentation
(spectrometry, chromatography) • Air-to-fuel ratio • Fuel cells • Fume hoods • Gas leak
detection • Process control gas monitoring • Vacuum pump monitoring • Clogging detection •
Flow measurement • Air volume measurement • Process automation • Burner control •
Environment monitoring • Laboratory
Product Summary
ES Systems has developed ESRF-ESF, an inline gas flow sensor, based on the hot-film
anemometer principle for mass gas flow measurements.
ESRF-ESF is one of the few gas flow sensors featuring bidirectional gas flow sensing of up to
±300 ln/min with a total error band of <±1.25% RD. ESRF-ESF gas flow sensors provide
calibrated and temperature compensated output on an SPI, I2C bus or analog output making
them plug & play for direct interfacing to low voltage MCUs and systems. The user is provided
with a multitude of interface and output options so that the right sensor configuration can be
selected based on the specific requirements for each application.
Calibration gas is air but other non-aggressive gases are available upon request.
Resistive MEMS Gas Flow Sensor


Similar Part No. - ESRF-ESF

ManufacturerPart #DatasheetDescription
logo
ES Systems
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
MEMS Resistive Gas Flow Sensor
More results

Similar Description - ESRF-ESF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GFL-9722 ETC2-GFL-9722 Datasheet
229Kb / 3P
Gas flow sensor
logo
Omron Electronics LLC
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
MEMS Flow Sensor
D6F-01N OMRON-D6F-01N Datasheet
265Kb / 6P
MEMS Flow Sensor
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
MEMS Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
MEMS Flow-Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
MEMS Mass Flow Sensor
logo
Zhengzhou Winsen Electr...
GM-402B WINSEN-GM-402B Datasheet
978Kb / 7P
MEMS Combustible Gas Sensor
GM-502B WINSEN-GM-502B Datasheet
800Kb / 10P
MEMS VOC Gas Sensor
logo
ES Systems
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
MEMS Resistive Gas Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com