Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 7 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 7 Page - ES Systems

Back Button ESRF-ESF Datasheet HTML 3Page - ES Systems ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems ESRF-ESF Datasheet HTML 10Page - ES Systems ESRF-ESF Datasheet HTML 11Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Datasheet ESRF-ESF
7/14
Temperature Data Register [0x01]
ADDRESS
REGISTER NAME
TYPE DEFAULT VALUE
MNEMONIC
0x01
Calibrated Temp Byte 1
R
Variable
CAL_DATA[15:8]
Calibrated Temp Byte 2
R
Variable
CAL_DATA[7:0]
Temperature is represented as a 16-bit, unsigned integer number. The lowest number in the
Temperature Data Register is 0x0000 (0 in Decimal) and the highest number is 0xFFFF (65535
in Decimal). The full data representation range of this register in oC is from –20oC to +80oC.
However, the temperature sensor accuracy is defined within the temperature compensation
range of the device which is from 0oC to +50oC .
Calibrated Temperature (in oC) can be calculated using the following formula:
An example of Temperature conversion:
Temperature Register Byte [0] = 0x84
Temperature Register Byte [1] = 0x32
Using the formula (Eq. 2) the calculated output should be 31.64oC
Serial Number Register [0x03]
ADDRESS
REGISTER NAME
TYPE
DEFAULT
VALUE (Hex)
MNEMONIC
0x03
Serial Number Byte 1
R
Fixed ID
SER_NO[31:24]
Serial Number Byte 2
R
Fixed ID
SER_NO[23:16]
Serial Number Byte 3
R
Fixed ID
SER_NO[15:8]
Serial Number Byte 4
R
Fixed ID
SER_NO[7:0]
Each ESRF-ESF sensor is uniquely identified by a 32-bit serial number. This number can be
read from the Serial Number Register and is 4 bytes long.
An example of a serial number conversion:
Serial No Register Byte [0] = 0x01
Serial No Register Byte [1] = 0x05
Serial No Register Byte [2] = 0x62
Serial No Register Byte [3] = 0x1F
The serial number 0x0105621F corresponds to 17130015 in decimal.
Eq. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com