Electronic Components Datasheet Search
  English  ▼

X  

ESRF-ESF Datasheet(PDF) 10 Page - ES Systems

Part # ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ES [ES Systems]
Direct Link  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Datasheet(HTML) 10 Page - ES Systems

Back Button ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems ESRF-ESF Datasheet HTML 10Page - ES Systems ESRF-ESF Datasheet HTML 11Page - ES Systems ESRF-ESF Datasheet HTML 12Page - ES Systems ESRF-ESF Datasheet HTML 13Page - ES Systems ESRF-ESF Datasheet HTML 14Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet ESRF-ESF
10/14
10. Analog Interface
PSU
5.0VDC
MULTIMETER
or
DATA ACQUISITION
SYSTEM
FLOW
ESRF-ESF sensors also feature the option of an analog voltage output (+0.5 to +4.5V), which
allows for the readout of flow in an analog way by means of a data acquisition system or a
multimeter. In this case the user needs to ensure that the power supply can sustain the
power requirements of the sensor at full flow as specified in the electrical specifications table.
As this is a voltage output configuration the user must ensure that the cables running from
the sensor to the data acquisition system are as short as possible to prevent errors from
potential voltage drops. It should be noted that the min analog voltage output is 0.5V and the
maximum 4.5V
Component
Flow Port
Ports and covers
Glass Reinforced Thermoplastic, Gold, Si, SiN, SiOx, epoxy,
silicon rubber, FR4, polyurethane, SS316, Fluoropolymer
Housing
Glass Reinforced thermoplastic
Substrate
Gold, FR4
Adhesives
Epoxy
Weight
50.6g
Directives compliance
RoHS, WEEE, CE
17. Wetted Matterials1
1
Contact ES Systems Customer Service for detailed material information
Eq. 3
Eq. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com