Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 59Page - Analog Devices LTM4680 Datasheet HTML 60Page - Analog Devices LTM4680 Datasheet HTML 61Page - Analog Devices LTM4680 Datasheet HTML 62Page - Analog Devices LTM4680 Datasheet HTML 63Page - Analog Devices LTM4680 Datasheet HTML 64Page - Analog Devices LTM4680 Datasheet HTML 65Page - Analog Devices LTM4680 Datasheet HTML 66Page - Analog Devices LTM4680 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
LTM4664A
63
Rev. 0
For more information www.analog.com
DUAL 25A/30A PSM APPLICATIONS INFORMATION
VIN TO VOUT STEP-DOWN RATIOS
There are restrictions in the maximum VIN and VOUT step-
down ratio that can be achieved for a given input voltage.
Each output of the LTM4664A PSM is capable of 95% duty
cycle at 500kHz, but the VIN to VOUT minimum dropout is
still a function of its load current and will limit output current
capability related to high duty cycle on the topside switch.
Minimum on-time tON(MIN) is another consideration in oper-
ating at a specified duty cycle while operating at a certain
frequency due to the fact that tON(MIN) < D/fSW, where D is
duty cycle and fSW is the switching frequency. tON(MIN) is
specified in the electrical parameters as 60ns. See Note 6
in the Electrical Characteristics section for output current
guideline. Since the LTM4664A front end 4:1 divider feeds
the two 25A/30A PSM channels with a VOUT2 range of 7.5V
to 14.5V, there should be no minimum on time issue.
INPUT CAPACITORS
The LTM4664A PSM channels should be connected to
a low AC impedance DC source. For the regulator input,
four 22µF input ceramic capacitors are used to handle
the RMS ripple current. A 47µF to 100µF surface mount
aluminum electrolytic bulk capacitor can be used for more
input bulk capacitance. This bulk input capacitor is only
needed if the input source impedance is compromised by
long inductive leads, traces or not enough source capaci-
tance. If low impedance power planes are used, then this
bulk capacitor is not needed.
For a buck converter, the switching duty-cycle can be
estimated as:
Dn =
VOUTn
VINn
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICINn(RMS) =
IOUTn(MAX)
η%
• Dn • 1−Dn
(
)
In the above equation, η% is the estimated efficiency of the
power module. The bulk capacitor can be a switcher-rated
electrolytic aluminum capacitor, or a polymer capacitor.
OUTPUT CAPACITORS
The LTM4664A PSM channel outputs are designed for low
output voltage ripple noise and good transient response.
The bulk output capacitors defined as COUT are chosen
with low enough effective series resistance (ESR) to meet
the output voltage ripple and transient requirements. COUT
can be a low ESR tantalum capacitor, a low ESR polymer
capacitor or ceramic capacitor. The typical output capac-
itance range for each output is from 400µF to 1000µF.
Additional output filtering may be required by the system
designer, if further reduction of output ripple or dynamic
transient spikes is required. Table 12 shows a matrix of dif-
ferent output voltages and output capacitors to minimize
the voltage droop and overshoot during a 12.5A to 25A
step, 12A/µs transient each channel. Table 12 optimizes
total equivalent ESR and total bulk capacitance to optimize
the transient performance. Stability criteria are consid-
ered in the Table 12 matrix, and the LTpowerCAD Design
Tool will be provided for stability analysis. Multiphase
operation reduces effective output ripple as a function
of the number of phases. Application Note 77 discusses
this noise reduction versus output ripple current cancel-
lation, but the output capacitance should be considered
carefully as a function of stability and transient response.
The LTpowerCAD Design Tool can calculate the output
ripple reduction as the number of implemented phases
increases by N times. A small value 10Ω resistor can be
placed in series from VOUTn to the VOSNS0+ pin to allow for
a bode plot analyzer to inject a signal into the control loop
and validate the regulator stability. The LTM4664A PSM
stability compensation can be adjusted using two external
capacitors, and the MFR_PWM_COMP commands.
LIGHT LOAD CURRENT OPERATION
The LTM4664A PSM channels have two modes of oper-
ation including high efficiency, discontinuous conduction
mode or forced continuous conduction mode. The mode of
operation is configured by bit 0 of the MFR_PWM_MODEn
command (discontinuous conduction is always the start-up
mode, forced continuous is the default running mode).
If a channel is enabled for discontinuous mode operation,
the inductor current is not allowed to reverse. The reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com