Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 1 Page - Analog Devices

  LTM4680 Datasheet HTML 1Page - Analog Devices LTM4680 Datasheet HTML 2Page - Analog Devices LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
LTM4664A
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
30V to 58V Input, Dual 30A, Single 60A µModule
Regulator with Digital Power System Management
The LTM®4664A is a complete nonisolated 48V input
high efficiency step-down µModule® regulator with dual
30A outputs. The switching controllers, power MOSFETs,
inductors and supporting components are included. Only
external capacitors are needed to complete the design.
Operating over a 30V to 58V input voltage range, the
LTM4664A supports an output voltage of 0.5V to 1.5V at up
to 75W. An intermediate output at 25% • VIN is also available.
The LTM4664A product video is available on the website.
The LTM4664A dual 30A regulators utilize digitally pro-
grammable analog control loops, precision data acquisition
circuitry and EEPROM with ECC. The LTM4664A’s 2-wire
serial interface allows the 30A outputs to be margined,
tuned and ramped up and down at programmable slew
rates and sequencing delay times. True input current sense,
output currents and voltages, input and output power, tem-
peratures, uptime and peak values are all readable for Dual
30A Power System Management (PSM) channels.
APPLICATIONS
n
Complete 48V Input to Low Voltage Dual 30A Supply
that Can Scale to 300A, Nonisolated
n
Dual Analog Loops with Digital Interface for
Compensation, Control and Monitoring
n
Input Voltage Range: 30V to 58V
n
Output Voltage Range: 0.5V to 1.2V at 30A/Channel
n
±3% Output Current Readback Accuracy (–20° to 125°C)
n
87% Efficiency for 48V to 1V at 60A, 90% at 40A
n
±0.5% Output Voltage Accuracy Over Temperature
n
400kHz PMBus-Compliant I2C Serial Interface
n
16mm × 16mm × 7.72mm BGA Package
n
48V Systems
n
Computer and Networking Equipment
n
Electronic Test Equipment
n
Storage Systems
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5408150, 5481178, 5705919, 5929620, 6144194, 6177787, 6580258,
7420359, 8163643. Licensed under U.S. Patent 7000125 and other related patents worldwide.
48V to VCORE at 60A
48V to 1V Up to 60A
Click to view associated TechClip Videos.
ON/OFF
VDD25
VCORE 60A
VOUT2
PGOODVCORE
PGOODVCORE
INTVCC
VOUT2
VOUT2
INTVCCS1
INTVCC
CER
CFLY1
CBULK
CER
CER
CFLY2
COMPH1
COMPH0
4.7µF
10k
10k
COUT3
4.7µF
CBULK
1µF
COUT4
10k
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VOUTC0
INTVCCS1
EXTVCCS1
EXTVCCS2
INTVCCS2
VINS3_C1
VINS3_C0
VOUTC1
GND
VOSNS–_C1
VOSNS+_C1
VOSNS–_C0
VOSNS+_C0
GND
SGND_C0_C1
IN+
IN
VOUT2
FREQS2
SGND_C0_C1
RFREQS2
4.7µF
RSEL
CER
LOAD
PINS NOT SHOWN FOR 4:1 VOLTAGE DIVIDER:
VOUT2_SET, OVP_TRIP, VP_SET, INSNSS2+, INSNSS2–,
UVS1, UVS2, HYS_PRGM1, HYS_PRGM2, TIMERS1,
TIMERS2, INSNSS1+, INSNSS1–, FAULTS1, FAULTS2
PINS NOT SHOWN FOR 2-PHASE 60A SECTION:
VOUTC0_CFG, VTRIMC0_CFG, VOUTC1_CFG, VTRIMC1_CFG,
FSWPH_CFG, TSNSC0a, TSNSC0b, TSNSC1a, TSNSC1b,
PWM_C0, PWM_C1, GL_C0, GL_C1, PHFLT_C0, PHFLT_C1,
EXTVCC, SHARE_CLK, SCL, SDA, ALERT, SYNC
FREQS1
RFREQS1
48V
4664A TA01a
LTM4664A
PGOODS2
VDD33
VDD33
PGOODS2
LTM4664A
4:1 DIVIDER
DUAL
PSM
BUCK
PMBus
48VIN
VOUTC0
VIN/4
VOUTC1
VOUT2
VOUT1 VIN/2
0.5V TO 1.2V/30A
0.5V TO 1.2V/30A
4664A TA01b
48VIN, 1.0VOUT EFFICIENCY
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
75
80
85
90
95
4664A TA01c


Similar Part No. - LTM4680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4680 AD-LTM4680 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4680 AD-LTM4680 Datasheet
2Mb / 28P
60V, 300W Hybrid Step-Down Module Bus Converter
Rev. 0
LTM4680 AD-LTM4680 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
LTM4680 AD-LTM4680 Datasheet
2Mb / 36P
Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
Rev. 0
LTM4680 AD-LTM4680 Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results

Similar Description - LTM4680

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com