Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices LTM4680 Datasheet HTML 23Page - Analog Devices LTM4680 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
LTM4664A
20
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VINS1: (J15-J16) Power input pins to the first stage
divide by two. Place input capacitance between these
pins and GND.
4:1 Divider Section (Stage 2)
VINS2: (C1-C3) Power input pins to the second stage
divide by two. Place input capacitance between these pin
and GND.
SW3, SW4: (D1-D3), (G1-G3) Switching nodes for the
2nd stage CFLY Flying capacitor. See Block Diagram.
VINS2F: (D5) Input Voltage Sensing with Filtering. This
pin has a 1kΩ resistor in series from VINS2, and a 4700pf
capacitor to GND. The pin has a 1MΩ resistance to GND.
See Block Diagram.
INSNSS2–: (D6) Current sense comparator negative input,
connected to the negative node of the current sensing
resistor. Short to INSNSS2+ if not used.
INSNSS2+: (D7) Current sense comparator positive input,
connected to the positive node of the external current
sensing resistor. The current sensing resistor has to be
placed on the drain of the very top MOSFET. When the
voltage between INSNSS2+ pin and INSNSS2– pin is
higher than 50mV, the controller indicates an overcurrent
fault by pulling the FAULTS2 pin down. The INSNSS2+
pin is also used to source 95mA current to the VOUT2
pin during the pre-balance time in divider applications.
Connect directly to the drain of the very top MOSFET if
not used. See Application Schematic section.
HYS_PRGMS2: (E5) A resistor connected between this
pin and ground will set the window threshold of the win-
dow comparator that monitors the voltage difference
between (VINS2)/2 and VOUT2. There is a 10μA current
flowing out of this pin. See applications section.
OVP_SET: (E6) External + input for setting the VOUT2
trip level. The OVP_SET pin will have a voltage divider
to monitor the VOUT2 voltage and set to trip when the
divider midpoint on the OVP_SET pin exceeds the ref-
erence trip level on the VOUT2_SET pin. For example, if
the OVP_SET trip point was set for VTRIP, then RTOP =
((VTRIP/5.1V)-1) • 7.5K, with RTOP being the top resistor in
the divider, and RBOT is the bottom resistor in the divider.
RBOT set to 7.5k. If not used, tie this pin to INTVCCS2. See
4:1 Divider Application Information section.
OVP_TRIP: (E7) Open collector output that is used to trip
off input power and clamp hold up energy during an over
voltage fault on VOUT2. See Applications section.
TIMERS2: (F5) Charge Balance and Fault Timer Control
Input. A capacitor between this pin and ground sets the
amount of time to charge VOUT2 to (VINS2)/2. It also sets
the short-circuit retry time. See the 4:1 Divider Application
Information.
VOUT2_SET: (F6) External – comparator input for setting
the VOUT2 trip reference level. This can be done with a
resistor and 5.1V Zener from VIN. This secondary fault
protection is in and above the Fault protection for Stage
1 and Stage 2. The overall input voltage is divided down
by four, so VOUT2 will be 1/4 of VIN. The OVP_SET pin will
have a voltage divider to monitor the VOUT2 voltage and
set to trip when the divider midpoint on the OVP_SET pin
exceeds the reference trip level. If not used, tie this pin to
ground. See 4:1 Divider Application Information section.
EXTVCCS2: (F7) External Power Input to the Internal LDO
Connected to INTVCCS2. This LDO supplies INTVCCS2
power, bypassing the internal LDO powered from VIN2
whenever EXTVCCS2 is higher than 6.5V and VINS2 is
higher than 7V. Do not exceed 30V on this pin. This pin
can be driven with the VOUT2 output to limit power loss
in LDO with VINS2 at higher input voltage. See 4:1 Divider
Application Information section.
FREQS2: (G5) Frequency Set Pin. There is a precision
10μA current flowing out of this pin. A resistor to ground
sets a voltage which in turn programs the frequency.
See the 4:1 Divider Application Information section for
detailed information.
RUNS2: (G6) Stage 2 Run Control Input. Forcing RUNS2
below 1.2V shuts down the controller. When RUNS2 is
higher than 1.2V, internal circuitry starts up. There is a
1μA pull-up current flowing out of RUNS2 pin when the
RUNS2 pin voltage is below 1.2V and an additional 5μA
current flowing out of RUNS2 pin when the RUNS2 pin
voltage is above 1.2V. Use PGOODS1, and FAULTS1 from
stage one to enable stage 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com