Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
LTM4664A
16
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Dual Output Start-Up/Shutdown
with a Prebiased Load
Full Sequence Turn On
Full Sequence Turn Off
Start-Up
Shutdown
VOUTC1 = 1.5V
500mV/DIV
VOUTC0 = 1V
500mV/DIV
2mS/DIV
IDIODE
20mA/DIV
RUN_C
n
5V/DIV
4664A G09
48VIN, 10A LOAD ON VOUT0, 7.5mA LOAD ON
VOUT1, VOUT1 PREBIASED THROUGH A DIODE
TON_RISE 0 = 3ms, TON_RISE 1 = 4.5ms,
TOFF_DELAY 1 = 0ms, TOFF_DELAY 0 = 1.5ms
TOFF_FALL 1 = 4.5ms, TOFF_FALL 0 = 3ms,
ON_OFF_CONFIG
n = 0x1E
INPUT VOLTAGE
USED LAB SUPPLY
SWITCH (HP6012B)
20V/DIV, 100ms/DIV
FIRST STAGE OUTPUT
20V/DIV, 100ms/DIV
SECOND STAGE
OUTPUT 10V/DIV
FINAL 25A/30A STAGE
OUTPUTS
500mV/DIV
4664A G10
48V TO 1V AT 0A LOAD, EACH 25A/30A STAGE
FINAL STAGE TON DELAY AND TON RISE SET
TO 100ms
INPUT VOLTAGE
USED LAB SUPPLY
SWITCH (HP6012B)
20V/DIV, 100ms/DIV
FIRST STAGE OUTPUT
20V/DIV, 100ms/DIV
SECOND STAGE
OUTPUT 10V/DIV
FINAL 25A/30A STAGE
OUTPUTS
500mV/DIV
4664A G11
48V TO 1V AT 0A LOAD, EACH 25A/30A STAGE
FINAL STAGE TON DELAY AND TON RISE SET
TO 100ms
RUNS1
2V/DIV, 50ms/DIV
TIMERS1 = 0.047µF
0.5V/DIV
1ST STAGE SWITCH
20V/DIV
1ST STAGE OUTPUT
20V/DIV
RUNS2
2V/DIV, 50ms/DIV
TIMERS2 = 0.047µF
0.5V/DIV
2ND STAGE SWITCH
10V/DIV
2ND STAGE OUTPUT
10V/DIV
RUN_C
n
2V/DIV, 50ms/DIV
FINAL 25A/30A STAGE SWITCHS
10V/DIV
FINAL 25A/30A STAGE OUTPUTS
1V/DIV
48V TO 1V AT 50A LOAD
4664A G12
RUNS1
2V/DIV, 50ms/DIV
TIMERS1 = 0.047µF
0.5V/DIV
1ST STAGE SWITCH
20V/DIV
1ST STAGE OUTPUT
20V/DIV
RUNS2
5V/DIV, 50ms/DIV
TIMERS2 = 0.047µF
0.5V/DIV
2ND STAGE SWITCH
10V/DIV
2ND STAGE OUTPUT
10V/DIV
RUN_C1
2V/DIV, 50ms/DIV
FINAL STAGE SWITCH
10V/DIV
FINAL STAGE OUTPUT
1V/DIV
48V TO 1V AT 50A LOAD
4664A G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com