Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
LTM4664A
11
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IO-RB-ACC
Output Current, Readback Accuracy
READ_IOUTn, Channels 0 and 1, 0 ≤ IOUTn ≤ 25A,
Forced-Continuous Mode, MFR_PWM_MODEn[0] = 1b
With Offset Adjustment (–20°C to 125°C) (Note 7)
See Histograms in Typical Performance Characteristics Section
l
5
3.5
%
%
IO-RB(25A)
Full Load Output Current Readback
IOUTn = 30A Max by Module Design Up to 1.2V (Note 7)
25
30
A
tCONVERT-IO-RB
Output Current Readback Update Rate MFR_ADC_CONTROL = 0×00 (Notes 10, 12)
MFR_ADC_CONTROL = 0×06 (CH0 IOUT)or 0×0A (CH1
IOUT) (Notes 9, 17) See MFR_ADC_CONTROL Section
90
8
ms
ms
Input Current Readback
N
Resolution
(Notes 5, 10)
10
Bits
VIINSTP
LSB Step Size Full-Scale Range = 16mV
LSB Step Size Full-Scale Range = 32mV
LSB Step Size Full-Scale Range = 64mV
Gain = 8, 0V ≤ |VIIN+ – VIIN–| ≤ 5mV
Gain = 4, 0V ≤ |VIIN+ – VIIN–| ≤ 20mV
Gain = 2, 0V ≤ |VIIN+ – VIIN–| ≤ 50mV
15.26
30.52
61
µV
µV
µV
IIN_TUE
Total Unadjusted Error
Gain = 8, 2.5mV ≤ |VIIN+ – VIIN–| (Note 13)
Gain = 4, 4mV ≤ |VIIN+ – VIIN–| (Note 13)
Gain = 2, 6mV ≤ |VIIN+ – VIIN–| (Note 13)
l
l
l
3.5
2.5
1.8
%
%
%
VOS
Zero-Code Offset Voltage
(Note 10)
±50
µV
tCONVERT
Update Rate
(Note 12)
90
ms
Internal Controller Supply Current Readback VINS3
N
Resolution
(Notes 5,12) See MFR_ADC_CONTROL Section for
Faster Update Rates
10
Bits
VICONTROL STP
LSB Step Size Full-Scale
Range = 256mV
244
µV
ICONTROL TUE
Total Unadjusted Error
20mV ≤ |VIINS3_C1–SVIN| ≤ 150mV)
See Block Diagram (Note 10)
±3
%
tCONVERT
Update Rate
(Note 12)
90
ms
Temperature Readback (TSNS_C0, TSNS_C1)
TRES_T
Resolution
0.25
°C
T0_TUE
External Temperature Total
Unadjusted Readback Error
Supporting Only Delta VBE Sensing
(Note 13)
3
°C
T1_TUE
Internal TSNS TUE
VRUN_C0,C1 = 0.0, fSYNC = 0kHz (Note 8)
3
°C
tCONVERT
Update Rate
MFR_ADC_CONTROL = 0×04 or 0×0C
(Notes 9, 12, 15)
90
8
ms
ms
INTVCC Regulator/EXTVCC
VINTVCC
Internal VCC Voltage No Load
6V ≤ VIN ≤ 16V
5.25
5.5
5.75
V
VLDO_INT
INTVCC Load Regulation
ICC = 0mA to 20mA, 6V ≤ VIN ≤ 16V
0.5
±2
%
VEXTVCC
EXTVCC Switchover Voltage
VINS3_C1 ≥ 7V, EXTVCC Rising
4.5
4.7
4.9
V
VLDO_HYS
EXTVCC Hysteresis
340
mV
VLDO_EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5.5V
60
120
mV
VIN_THR
VIN Threshold to Enable EXTVCC
Switchover
VIN Rising
7.1
V
VIN_THF_HYS
VIN Hysteresis to Disable EXTVCC
Switchover
VIN Falling
600
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com