Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 25Page - Analog Devices LTM4680 Datasheet HTML 26Page - Analog Devices LTM4680 Datasheet HTML 27Page - Analog Devices LTM4680 Datasheet HTML 28Page - Analog Devices LTM4680 Datasheet HTML 29Page - Analog Devices LTM4680 Datasheet HTML 30Page - Analog Devices LTM4680 Datasheet HTML 31Page - Analog Devices LTM4680 Datasheet HTML 32Page - Analog Devices LTM4680 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
POWER GOOD AND UV (PGOODSn AND UVSn PINS)
When the UVSn pin voltage is lower than 1V, the PGOODSn
pin is pulled low. The PGOODSn pin is also pulled low
when the RUNSn pin is low or when the LTM4664A divider
stages are starting up. The PGOODSn pin is released only
when the LTM4664A stage is switching and UVSn pin is
higher than 1V. The PGOODSn pin will flag power bad
immediately when the UVSn pin is low. However, there is
an internal 20μs power good mask and 100mV hystere-
sis when UVSn is higher than 1V. The PGOODSn pin is
pulled up by external resistor to INTVCC. The UVS1 pin
is used to monitor the VOUT1 level for proper regulation,
the PGOODS1 signal is used to sequence on the stage 2's
RUNS2 pin. Then PGOODS2 is used to sequence on the
downstream dual 25A/30A regulators. Proper setup on
the UV pin to set a specific regulation point will release
the PGOODn pin when the output voltage is at that value.
See Figure 1 block diagram.
ADDITIONAL OVERVOLTAGE PROTECTION
The OVP_SET, VOUT2_SET, and OVP_TRIP pins can be
used to monitor the VOUT2 voltage for an overvoltage fault.
These pins can be used in conjunction with the circuit in
Figure 46 to provide a secondary OVP protection in and
above the 4:1 divider fault protection. This feature can be
used to trip off the input power, and further protect the
low voltage outputs.
with a single resistor to GND. The voltage on the FREQSn
pin is equal to the resistance multiplied by 10μA cur-
rent (e.g. the voltage is 1V with a 100k resistor from the
FREQSn pin to GND). A curve is provided below showing
the relationship between the voltages on the FREQSn pin
and switching frequency. Stage 1 is operated at 100kHz,
and Stage 2 is operated at 200kHz for optimal efficiency.
See Figure 4.
LTM4664A
29
Rev. 0
For more information www.analog.com
FREQ PIN VOLTAGE (V)
0
1400
1200
800
400
1000
600
200
0
2
1
4664A F04
2.5
1.5
0.5
Figure 4. Relationship Between Switching
Frequency and Voltage at FREQ Pin
fSW (kHz) = RFREQ (kΩ) • 8 – 317kHz
4:1 DIVIDER OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com