Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 80 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 76Page - Analog Devices LTM4680 Datasheet HTML 77Page - Analog Devices LTM4680 Datasheet HTML 78Page - Analog Devices LTM4680 Datasheet HTML 79Page - Analog Devices LTM4680 Datasheet HTML 80Page - Analog Devices LTM4680 Datasheet HTML 81Page - Analog Devices LTM4680 Datasheet HTML 82Page - Analog Devices LTM4680 Datasheet HTML 83Page - Analog Devices LTM4680 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 138 page
background image
LTM4664A
80
Rev. 0
For more information www.analog.com
Table 13. LTM4664A Dual 25A/30A PSM Output Capacitor Matrix. All Below Parameters Are Typical and Are Dependent on Board Layout
Murata
220µF 6.3V
GRM32ER60J227ME05
PANASONIC SP-CAP
470µF 2.5V EEFSX0E471E4
Taiyo Yuden
220µF 4V
AMK325ABJ227MMHT
PANASONIC POSCAP
470µF 2.5V ETPF470M5H
Murata
100µF 6.3V
GRM32ER60J107M
PANASONIC POSCAP
1000µF 2.5V ETPF1000M5H
Murata
100µF 4V
GRM21BR60G107ME15
PANASONIC POSCAP
1000µF 2.5V ETCF1000M5H
Taiyo Yuden
100µF 4V
AMK325AD7MMHP
DUAL 25A/30A PSM APPLICATIONS INFORMATION
Dual Phase Single 50A/60A Output
VOUT
(V)
COUT1
(CERAMIC)
(μF)
COUT2
(BULK)
(μF)
COMPna
(pF)
COMPnb
(pF)
EA-GM
(ms)
RCOMP
(kΩ)
ILIM
HI-RANGE
VOUT
LOW-
RANGE
VINS1
(V)
VINS3
C1, C2
DROOP
(mV)
PEAK-
TO-PEAK
DEVIATION
(mV)
RECOVERY
TIME(µs)
LTpowerCAD/
MEASURE
LOAD
STEP
(A/µs)
FREQ.
(kHz)
0.9
8 × 100
4 × 470
3300
220
3.69
8
No
Yes
48 (VINS1/4) or 12V 47.5
62/95
30
25
250
1
8 × 100
4 × 470
3300
220
3.69
8
No
Yes
48 (VINS1/4) or 12V 47.5
62/95
30
25
250
1.2
8 × 330
None
5600
100
3.02
5
No
Yes
48 (VINS1/4) or 12V
35
64
35
25
250
1.2
4 × 100
2 × 470
3300
220
3.02
6
No
Yes
48 (VINS1/4) or 12V
70
100/140
35
25
350
1.2
4 × 220
None
7500
220
3.02
5
No
Yes
48 (VINS1/4) or 12V
63
126/-
25
25
350
1.5
4 × 220
None
7500
220
3.02
2.5
No
Yes
48 (VINS1/4) or 12V 130
260
30
25
350
1.5
6 × 220
None
7500
220
3.69
3
No
Yes
48 (VINS1/4) or 12V 100
200
30
25
350
1.5
4 × 100
2 × 470
3300
220
3.02
6
No
Yes
48 (VINS1/4) or 12V
70
140
30
25
350
1.5
4 × 220
None
7500
220
3.02
5
No
Yes
48 (VINS1/4) or 12V
63
126
25
25
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com