Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4680
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices LTM4680 Datasheet HTML 23Page - Analog Devices LTM4680 Datasheet HTML 24Page - Analog Devices LTM4680 Datasheet HTML 25Page - Analog Devices LTM4680 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
LTM4664A
22
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
to configure the LTM4664A’s Channel 0 output to pow-
er-up to a VOUT_COMMAND value (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) different from those of NVM contents. (See the 4:1
Divider Application Information section.) Minimize capac-
itance especially when the pin is left open to assure accu-
rate detection of the pin state. Note that use of RCONFIGs
on VOUTC0_CFG/VTRIMC0_CFG can affect the VOUTC0
range setting (MFR_PWM_MODE0 [1]) and loop gain.
VOUTC1_CFG (J7): Output Voltage Select Pin for VOUTC1,
Coarse Setting. If the VOUTC1_CFG and VTRIMC1_CFG
pins are both left open or, if the LTM4664A is config-
ured to ignore pin-strap (RCONFIG) resistors, i.e., MFR_
CONFIG_ALL [6] = 1b then the LTM4664A’s target VOUTC1
output voltage setting (VOUT_COMMAND1) and associ-
ated OV/UV warning and fault thresholds are dictated at
SVIN power up according to the LTM4664A’s NVM con-
tents, in precisely the same fashion that the VOUTC1_CFG
and VTRIMC1_CFG pins affect the respective settings of
VOUT1/Channel 1. (See VOUTC1_CFG, VTRIMC1_CFG and
the 4:1 Divider Application Information section.) Minimize
capacitance—especially when the pin is left open—to
assure accurate detection of the pin state. Note that use
of RCONFIGs on VOUTC1_CFG/VTRIMC1_CFG can affect
the VOUTC1 range setting (MFR_PWM_MODE1 [1]) and
loop gain. A resistor divider from VDD25 to SGND_C0_C1.
See page 43.
ASEL (J8): Serial Bus Address Configuration Pin. On any
given I2C/SMBus serial bus segment, every device
must have its own unique slave address. If this pin is
left open, the LTM4664A powers up to a slave address
set by MFR_ADDRESS[6:0] (see Table  4). The facto-
ry-default setting is 0x4F (hexadecimal), i.e., 1001111b
(industry standard convention is used throughout this
document: 7-bit slave addressing). The lower four bits of
the LTM4664A’s slave address can be altered from the
NVM-set value by connecting a resistor from this pin to
SGND. Minimize capacitance—especially when the pin is
left open—to assure accurate detection of the pin state.
See 4:1 Divider Application Information section.
RUN_C0, RUN_C1 (J9, K8 Respectively): Enable Run
Input for Channels 0 and 1, respectively. Open-drain input
and output. Logic high on these pins enables the respective
outputs of the LTM4664A. These open-drain output pins
hold the pin low until the LTM4664A is out of reset and
VIN3_C1 is detected to exceed VIN_ON. A pull-up resis-
tor to 3.3V is required in the application. The LTM4664A
pulls RUN_C0 and/or RUN_C1 low, as appropriate, when
a global fault and/or channel-specific fault occurs whose
fault response is configured to latch off and cease reg-
ulation; issuing a CLEAR_FAULTS command via I2C or
power cycling SVIN is necessary to restart the module, in
such cases. Do not pull RUN logic high with a low imped-
ance source. Use PGOODS2 and FAULTS2 to sequence on
RUN_C0, and RUN_C1 for the dual 25A/30A stage.
ALERT (J10): Open-Drain Digital Output. A pull-up
resistor to 3.3V is required in the application only if
SMBALERT interrupt detection is implemented in one’s
SMBus system.
VTRIMC0_CFG (K5): Output Voltage Select Pin for VOUTC0,
Fine Setting. Works in combination with VOUTC0_CFG
to affect the VOUT_COMMAND (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) of Channel 0, at SVIN power-up. (See VOUTC0_CFG
and the Dual 25A/30A PSM Applications Information sec-
tion.) Minimize capacitance especially when the pin is left
open to assure accurate detection of the pin state. Note
that use of RCONFIGs on VOUTC0_CFG/VTRIMC0_CFG
can affect the VOUTC0 range setting (MFR_PWM_MODE0
[1]) and loop gain.
VDD25 (K6): Internally Generated 2.5V Power Supply
Output Pin. Do not load this pin with external current;
it is used strictly to bias internal logic and provides cur-
rent for the internal pull-up resistors connected to the
configuration-programming pins. No external decoupling
is required.
WP (K7): Write Protect Pin, Active High. An internal 10μA
current source pulls this pin to VDD33. If WP is open cir-
cuit or logic high, only I2C writes to PAGE, OPERATION,
CLEAR_FAULTS, MFR_CLEAR_PEAKS and MFR_EE_
UNLOCK are supported. Additionally, Individual faults
can be cleared by writing 1b’s to bits of interest in reg-
isters prefixed with “STATUS”. If WP is low, I2C writes
are unrestricted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com