Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGU8821 Datasheet HTML 1Page - NXP Semiconductors BGU8821 Datasheet HTML 2Page - NXP Semiconductors BGU8821 Datasheet HTML 3Page - NXP Semiconductors BGU8821 Datasheet HTML 4Page - NXP Semiconductors BGU8821 Datasheet HTML 5Page - NXP Semiconductors BGU8821 Datasheet HTML 6Page - NXP Semiconductors BGU8821 Datasheet HTML 7Page - NXP Semiconductors BGU8821 Datasheet HTML 8Page - NXP Semiconductors BGU8821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
2 / 41
3 Applications
• Wireless infrastructure
• 5G ready
• Low noise and high linearity applications
• LTE, W-CDMA, CDMA, GSM
• General-purpose wireless applications
• TDD or FDD systems
• Suitable for small cells
4 Quick reference data
Table 1. Quick reference data BGU8821/A LNA1
f = 900 MHz; VCC = 5 V; Tamb = 25 °C; input and output 50 Ω; unless otherwise specified. All RF parameters are measured
in an application board as shown in Figure 44 with components listed in Table 33 optimized for f = 900 MHz.
Symbol
Parameter
Conditions
Min Typ Max Unit
LNA1 enable
-
54
64
mA
ICC
supply current
Disable
-
3
-
mA
Gp
power gain
[1] 15.9 19
-
dB
NF
noise figure
[1] -
0.6
-
dB
PL(1dB)
output power at 1 dB gain
compression
[1] 17.9 21
-
dBm
IP3O
output third-order intercept point
2-tone; tone spacing = 1 MHz;
Pi = -15 dBm per tone
[1] 34
38
-
dBm
[1]
Connector and Printed-Circuit Board (PCB) losses have been de-embedded for all RF parameters.
Table 2. Quick reference data BGU8821/A DSA+LNA2
f = 900 MHz; VCC = 5 V; Tamb = 25 °C; input and output 50 Ω; unless otherwise specified. All RF parameters are measured
in an application board as shown in Figure 44 with components listed in Table 33 optimized for f = 900 MHz
Symbol
Parameter
Conditions
Min Typ Max Unit
LNA2 enable
-
57
67
mA
ICC
supply current
Disable
-
5
-
mA
Gp
power gain
[1] 14.5 18
-
dB
NF
noise figure
[1] -
1.6
-
dB
PL(1dB)
output power at 1 dB gain
compression
[1] 18.0 22
-
dBm
IP3O
output third-order intercept point
2-tone; tone spacing = 1 MHz;
Pi = -15 dBm per tone
[1] 34
39
-
dBm
[1]
Connector and Printed-Circuit Board (PCB) losses have been de-embedded for all RF parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com