Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 4Page - NXP Semiconductors BGU8821 Datasheet HTML 5Page - NXP Semiconductors BGU8821 Datasheet HTML 6Page - NXP Semiconductors BGU8821 Datasheet HTML 7Page - NXP Semiconductors BGU8821 Datasheet HTML 8Page - NXP Semiconductors BGU8821 Datasheet HTML 9Page - NXP Semiconductors BGU8821 Datasheet HTML 10Page - NXP Semiconductors BGU8821 Datasheet HTML 11Page - NXP Semiconductors BGU8821 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
8 / 41
8.2.1 Hardware Interface description
The SPI functionality includes registers and an address decoder to support both read and
write operations. Register mapping is organized as a 15-bit address register and an 8-bit
data register. In order to avoid register coupling, data should always be sent as an 8-bit
sequence.
Register addresses 0x00h – 0x06h, 0x10h – 0x13h, 0x16h – 0x17h and 0x0Ch –
0x0Fh set the operation of the BGU8821/A. Any other address used does not affect the
behavior of the device (e.g. device does not stall).
The BGU8821/A supports a 3-wire or 4-wire SPI bus operation mode. <SDIO> is used
as a bidirectional pin in 3-wire mode. During the write cycle, it is used as an input pin and
during the read cycle as output pin. In 4-wire bus mode, <SDIO> and <SDO> are used
as unidirectional input and output pins correspondingly. <CLK> acts as the serial clock
input. The status of <CSB> defines whether the SPI interface of the device is enabled
(<CSB> is LOW) or disabled (<CSB> is HIGH). Programming clock edges (rising edges)
at <CLK> input and data at the <SDIO> input are ignored until LOW-level is applied to
the <CSB> input.
When the BGU8821/A is in power-down mode or there is no power supplied, the <SDIO>
and <CSB> pins become high-impedance and do not disturb the SPI bus.
8.2.2 Programming registers
The programming word is set through the input <SDIO> pin and a shift register, while
<CSB> level is LOW. To release the SPI bus, <CSB> is set HIGH again.
The rising edge of the clock pulse <CLK> shifts each data bit value into the shift register.
The BGU8821/A supports single-byte and multi-byte (streaming) read/write access
(register 0x01h bit [7]). In single-byte access, the new settings of the programmed
register are applied on the last rising edge of <CLK> of data byte period. In multi-byte
(streaming) access mode register address is auto-incremented or auto-decremented
(depends on register 0x00h bits [5] and [2]) for the next 8-bit programming word.
By default, the data is entered with the most significant bit (MSB) first and the least
significant bit (LSB) last. Register 0x00h bits [6] and [1] can be used to reverse the order
(LSB bit first).
Figure 3 and Figure 4 illustrate SPI read and write cycles for 3-wire and 4-wire modes.
aaa-020601
DC
DC
<SCLK>
<CSB>
<SDIO>
....
....
DC
DC
D0
D1
D5
D6
D7
A0
A1
A09
A10
A11
A12
A13
A14
R/W
tC
tCLK
tLo
tDH
tDS
tDV
ts
tHi
Figure 3. SPI Single byte write 3-wire SPI bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com