Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 9Page - NXP Semiconductors BGU8821 Datasheet HTML 10Page - NXP Semiconductors BGU8821 Datasheet HTML 11Page - NXP Semiconductors BGU8821 Datasheet HTML 12Page - NXP Semiconductors BGU8821 Datasheet HTML 13Page - NXP Semiconductors BGU8821 Datasheet HTML 14Page - NXP Semiconductors BGU8821 Datasheet HTML 15Page - NXP Semiconductors BGU8821 Datasheet HTML 16Page - NXP Semiconductors BGU8821 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
13 / 41
aaa-026526
0
0
0
0
0
0
0
0
Bit 7 6
5
4
3
2
1
0
NOT_USED
POWER_DOWN
Figure 7. Register address 0x02h
Table 10. Register address 0×02h
Legend: * reset value
Bits
Name
Access
Value
Description
7-2
NOT_USED
R
Not used
Sets power-down mode. In power-down mode all LNAs are disabled,
DSA's are in high attenuation mode. SPI bus is accessible and fully
functional. This register is double buffered. Active value is effective
after writing register 0x0Fh, bit [0]. Read value depends on setting of
register 0x01h, bit [5]
00*
01
10
Normal operation
1-0
POWER_DOWN
R/W
11
Power-down mode
aaa-026533
0
0
0
0
0
0
0
0
Bit 7 6
5
4
3
2
1
0
NOT_USED
TRANSFER_BIT
Figure 8. Register address 0x0Fh
Table 11. Register address 0×0Fh
Legend: * reset value
Bits
Name
Access
Value
Description
7-1
NOT_USED
R
Not used
Transfer bit must be set HIGH to transfer the contents of the buffer
into the active register 0x02h
0*
No transfer
0
TRANSFER_BIT
W
1
Transfer data into active registers. Bit value resets back to
LOW level after command is executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com