Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 8Page - NXP Semiconductors BGU8821 Datasheet HTML 9Page - NXP Semiconductors BGU8821 Datasheet HTML 10Page - NXP Semiconductors BGU8821 Datasheet HTML 11Page - NXP Semiconductors BGU8821 Datasheet HTML 12Page - NXP Semiconductors BGU8821 Datasheet HTML 13Page - NXP Semiconductors BGU8821 Datasheet HTML 14Page - NXP Semiconductors BGU8821 Datasheet HTML 15Page - NXP Semiconductors BGU8821 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
12 / 41
aaa-026525
0
0
0
0
0
0
0
0
Bit 7 6
5
4
3
2
1
0
STREAMING_MODE_DISABLE
NOT_USED
DOUBLE_BUFFER
NOT_USED
Figure 6. Register address 0x01h
Table 9. Register address 0×01h
Legend: * reset value
Bits
Name
Access
Value
Description
streaming (multi-byte) read/write access is enabled by default (level
LOW). Addresses will be auto-incremented or auto-decremented,
based on register 0x00h, bit [5] and bit [2]. Setting HIGH disables
streaming mode and switches to single-byte read/write access
0*
Streaming (multi-byte) read/write access
7
STREAMING_MODE_
DISABLE
R/W
1
Single-byre read/write access
6
NOT_USED
R
Not used
Enables Double-buffer mode for register 0x02h
0*
Read-back from active registers
5
DOUBLE_BUFFER
R/W
1
Read-back from buffer registers
4-0
NOT_USED
R
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com